Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV809K33DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809K33DBVT
Description  3-Pin Supply Voltage Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809K33DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV809K33DBVT Datasheet HTML 1Page - Texas Instruments TLV809K33DBVT Datasheet HTML 2Page - Texas Instruments TLV809K33DBVT Datasheet HTML 3Page - Texas Instruments TLV809K33DBVT Datasheet HTML 4Page - Texas Instruments TLV809K33DBVT Datasheet HTML 5Page - Texas Instruments TLV809K33DBVT Datasheet HTML 6Page - Texas Instruments TLV809K33DBVT Datasheet HTML 7Page - Texas Instruments TLV809K33DBVT Datasheet HTML 8Page - Texas Instruments TLV809K33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
3
1
RESET
V
DD
GND
3
TLV809
www.ti.com
SLVSA03D – JUNE 2010 – REVISED MARCH 2016
Product Folder Links: TLV809
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Voltage Options
PRODUCT
THRESHOLD VOLTAGE
TLV809J25
2.25 V
TLV809L30
2.64 V
TLV809K33
2.93 V
TLV809I50
4.55 V
6 Pin Configuration and Functions
DBV, DBZ Packages
3-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
GND
—
Ground pin. This pin must be connected to ground with a low-impedance connection.
2
RESET
O
RESET pin. RESET is an active low signal, asserting when VDD is below the threshold
voltage. When VDD rises above VIT, there is a delay time (td) until RESET deasserts.
RESET is a push-pull output stage.
3
VDD
I
Supply voltage pin. A 0.1-µF ceramic capacitor from this pin to ground is recommended to
improve stability of the threshold voltage.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, do not operate the device at 7 V for more than t = 1000h
continuously.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage(2)
7
V
All other pins(2)
–0.3
7
IOL
Maximum low output current
5
mA
IOH
Maximum high output current
–5
mA
IIK
Input clamp current (VI < 0 or VI > VDD)
±20
mA
IOK
Output clamp current (VO < 0 or VO > VDD)
±20
mA
TA
Operating free-air temperature
–40
85
°C
Tstg
Storage temperature
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com