Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV809K33DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809K33DBVT
Description  3-Pin Supply Voltage Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809K33DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV809K33DBVT Datasheet HTML 4Page - Texas Instruments TLV809K33DBVT Datasheet HTML 5Page - Texas Instruments TLV809K33DBVT Datasheet HTML 6Page - Texas Instruments TLV809K33DBVT Datasheet HTML 7Page - Texas Instruments TLV809K33DBVT Datasheet HTML 8Page - Texas Instruments TLV809K33DBVT Datasheet HTML 9Page - Texas Instruments TLV809K33DBVT Datasheet HTML 10Page - Texas Instruments TLV809K33DBVT Datasheet HTML 11Page - Texas Instruments TLV809K33DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
RESET
V
DD
t
d
V
+V
IT
HYS
-
1.1V
ValidOutput
V
DD
Transient
Amplitude
Duration
V
IT-
tw
8
TLV809
SLVSA03D – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLV809
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 VDD Transient Rejection
The device has built-in rejection of fast transients on the VDD pin. The rejection of transients depends on both the
duration and the amplitude of the transient. The amplitude of the transient is measured from the bottom of the
transient to the negative threshold voltage of the device, as shown in Figure 8.
Figure 8. Voltage Transient Measurement
The device does not respond to transients that are fast duration and low amplitude or long duration and small
amplitude. Figure 7 illustrates the relationship between the transient amplitude and duration needed to trigger a
reset. Any combination of duration and amplitude above the curve generates a reset signal.
9.1.2 Reset During Power-Up and Power-Down
The device output is valid when VDD is greater than 1.1 V. When VDD is less than 1.1 V, the output transistor
turns off and becomes high impedance. The voltage on the RESET pin rises to the voltage level connected to the
pullup resistor. Figure 9 shows a typical waveform for power-up.
Figure 9. Power-Up Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com