Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8450 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8450
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8450 Datasheet HTML 8Page - Analog Devices AD8450 Datasheet HTML 9Page - Analog Devices AD8450 Datasheet HTML 10Page - Analog Devices AD8450 Datasheet HTML 11Page - Analog Devices AD8450 Datasheet HTML 12Page - Analog Devices AD8450 Datasheet HTML 13Page - Analog Devices AD8450 Datasheet HTML 14Page - Analog Devices AD8450 Datasheet HTML 15Page - Analog Devices AD8450 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
AD8450
Data Sheet
Rev. B | Page 12 of 41
20
–100
–80
–60
–40
–20
0
–40 –30 –20 –10
0
1020304050
60
70
80
90
TEMPERATURE (°C)
GAIN = 200
GAIN = 66
GAIN = 133
GAIN = 26
Figure 9. Gain Error vs. Temperature
0.3
–0.3
–0.2
–0.1
0
0.1
0.2
–40 –30 –20 –10
0
1020304050
60
70
80
90
TEMPERATURE (°C)
GAIN = 200
GAIN = 133
GAIN = 66
GAIN = 26
AVCC = +25V
AVEE = –5V
Figure 10. Normalized CMRR vs. Temperature
50
40
–20
–10
0
10
20
30
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
AVCC = +15V
AVEE = –15V
GAIN = 200
GAIN = 133
GAIN = 66
GAIN = 26
Figure 11. Gain vs. Frequency
160
50
60
70
80
90
100
110
120
130
140
150
0.1
1
10
100
100k
10k
1k
FREQUENCY (Hz)
GAIN = 200
GAIN = 133
GAIN = 66
GAIN = 26
Figure 12. CMRR vs. Frequency
160
0
60
40
20
80
100
120
140
1
10
100
1M
100k
10k
1k
FREQUENCY (Hz)
200
133
66
26
GAIN
AVCC
AVEE
Figure 13. PSRR vs. Frequency
100
1
10
0.1
1
10
100
100k
10k
1k
FREQUENCY (Hz)
GAIN = 200
GAIN = 133
GAIN = 66
GAIN = 26
RTI
Figure 14. Spectral Density Voltage Noise, RTI vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com