Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8450 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8450
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8450 Datasheet HTML 15Page - Analog Devices AD8450 Datasheet HTML 16Page - Analog Devices AD8450 Datasheet HTML 17Page - Analog Devices AD8450 Datasheet HTML 18Page - Analog Devices AD8450 Datasheet HTML 19Page - Analog Devices AD8450 Datasheet HTML 20Page - Analog Devices AD8450 Datasheet HTML 21Page - Analog Devices AD8450 Datasheet HTML 22Page - Analog Devices AD8450 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Data Sheet
AD8450
Rev. B | Page 19 of 41
COMPARATORS
500
300
350
400
450
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
LOW TO HIGH
TRANSITION
HIGH TO LOW
TRANSITION
Figure 40. Propagation Delay vs. Temperature
1600
1400
1200
1000
800
600
400
200
0
100
200
300
400
500
600
700
800
900
1000
LOAD CAPACITANCE (pF)
LOW TO HIGH
TRANSITION
HIGH TO LOW
TRANSITION
Figure 41. Propagation Delay vs. Load Capacitance
1000
900
800
700
600
500
400
300
200
100
0
10
100
1k
10k
SOURCE RESISTANCE (Ω)
LOW TO HIGH
TRANSITION
HIGH TO LOW
TRANSITION
Figure 42. Propagation Delay vs. Source Resistance
5
4
3
2
1
0
0
200
400
100
300
500
OUTPUT CURRENT (µA)
–40°C
+25°C
+85°C
TEMP ISOURCE
ISINK
VALID FOR ALL
RATED SUPPLY
VOLTAGES
Figure 43. Output Voltage vs. Output Current at Three Temperatures
6
5
4
3
2
1
0
–1
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 44. Comparator Transfer Function at Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com