Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4558C Datasheet(PDF) 5 Page - NEC

Part # UPC4558C
Description  Bipolar Analog Integrated Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4558C Datasheet(HTML) 5 Page - NEC

  UPC4558C Datasheet HTML 1Page - NEC UPC4558C Datasheet HTML 2Page - NEC UPC4558C Datasheet HTML 3Page - NEC UPC4558C Datasheet HTML 4Page - NEC UPC4558C Datasheet HTML 5Page - NEC UPC4558C Datasheet HTML 6Page - NEC UPC4558C Datasheet HTML 7Page - NEC UPC4558C Datasheet HTML 8Page - NEC UPC4558C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
µPC258,4558
データ・シート G10518JJ9V0DS00
5
特性曲線(TA = 25 ℃,TYP.)(参考値)
600
500
400
300
200
100
32
36
28
24
20
16
12
8
4
0
100
120
80
60
40
20
0
100
120
80
60
40
20
0
30
25
20
15
10
5
0
20406080
100
1
10
1 k
100 k 1 M 10 M
100
10 k
100
1 k
10 k
100 k
1 M
100
1 k
10 k
−20
0
406080
20
PT−TA(絶対最大定格)
Vom−f 特性
IB−TA 特性
AV−f 特性
VO−RL 特性
動作周囲温度 TA(℃)
周波数 f (Hz)
負荷抵抗 RL(Ω)
周波数 f(Hz)
動作周囲温度 TA(℃)
V± = ±15 V
V± = ±15 V
V± = ±15 V
V± = ±15 V
μPC258G2, 4558G2
200 ℃/W
227 ℃/W
μPC258C, 4558C
−20
0
40
60
80
20
VIO−TA 特性
動作周囲温度 TA(℃)
3
2
1
0
−1
−2
−3
V± = ±15 V
任意のサンプル値



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com