Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5413F Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5413F
Description  Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413F Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5413F Datasheet HTML 9Page - Analog Devices ADG5413F Datasheet HTML 10Page - Analog Devices ADG5413F Datasheet HTML 11Page - Analog Devices ADG5413F Datasheet HTML 12Page - Analog Devices ADG5413F Datasheet HTML 13Page - Analog Devices ADG5413F Datasheet HTML 14Page - Analog Devices ADG5413F Datasheet HTML 15Page - Analog Devices ADG5413F Datasheet HTML 16Page - Analog Devices ADG5413F Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADG5412F/ADG5413F
Rev. B | Page 13 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. TSSOP Pin Configuration
Figure 4. LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
15
IN1
Logic Control Input.
2
16
D1
Drain Terminal. This pin can be an input or an output.
3
1
S1
Overvoltage Protected Source Terminal. This pin can be an input or an output.
4
2
VSS
Most Negative Power Supply Potential.
5
3
GND
Ground (0 V) Reference.
6
4
S4
Overvoltage Protected Source Terminal. This pin can be an input or an output.
7
5
D4
Drain Terminal. This pin can be an input or an output.
8
6
IN4
Logic Control Input.
9
7
IN3
Logic Control Input.
10
8
D3
Drain Terminal. This pin can be an input or an output.
11
9
S3
Overvoltage Protected Source Terminal. This pin can be an input or an output.
12
10
FF
Fault Flag Digital Output. This pin has a high output when the device is in normal operation or a low
when a fault condition occurs on any of the Sx inputs.
13
11
VDD
Most Positive Power Supply Potential.
14
12
S2
Overvoltage Protected Source Terminal. This pin can be an input or an output.
15
13
D2
Drain Terminal. This pin can be an input or an output.
16
14
IN2
Logic Control Input.
EP
Exposed
Pad
The exposed pad is internally connected. For increased reliability of the solder joints and maximum
thermal capability, it is recommended that the pad be connected to the lowest supply voltage, VSS.
Table 8. ADG5412F Truth Table
INx
Switch Condition (S1 to S4)
1
On
0
Off
Table 9. ADG5413F Truth Table
INx
Switch Condition
S1, S4
S2, S3
0
Off
On
1
On
Off
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D1
S1
VSS
D4
S4
GND
IN1
D2
S2
VDD
D3
IN4
IN3
S3
FF
IN2
ADG5412F/
ADG5413F
TOP VIEW
(Not to Scale)
NOTES:
1. THE EXPOSED PAD IS INTERNALLY CONNECTED. FOR
INCREASED RELIABILITY OF THE SOLDER JOINTS AND
MAXIMUM THERMAL CAPABILITY, IT IS RECOMMENDED
THAT THE PAD BE CONNECTED TO THE LOWEST
SUPPLY VOLTAGE, VSS.
12
11
10
1
3
4
9
2
S1
VSS
GND
S4
S2
VDD
FF
S3
ADG5412F/
ADG5413F
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com