Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5413F Datasheet(PDF) 17 Page - Analog Devices

Part # ADG5413F
Description  Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413F Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG5413F Datasheet HTML 13Page - Analog Devices ADG5413F Datasheet HTML 14Page - Analog Devices ADG5413F Datasheet HTML 15Page - Analog Devices ADG5413F Datasheet HTML 16Page - Analog Devices ADG5413F Datasheet HTML 17Page - Analog Devices ADG5413F Datasheet HTML 18Page - Analog Devices ADG5413F Datasheet HTML 19Page - Analog Devices ADG5413F Datasheet HTML 20Page - Analog Devices ADG5413F Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADG5412F/ADG5413F
Rev. B | Page 17 of 28
Figure 23. Charge Injection vs. Source Voltage (VS), Dual Supply
Figure 24. ACPSRR vs. Frequency, ±15 V Dual Supply
Figure 25. THD + N vs. Frequency, ±15 V Dual Supply
Figure 26. Bandwidth vs. Frequency
Figure 27. tON, tOFF Times vs. Temperature
Figure 28. Threshold Voltage (VT) vs. Temperature
100
–800
–700
–600
–500
–400
–300
–200
–100
0
–20
20
15
10
5
0
–5
–10
–15
VS (V)
TA = 25°C
VDD = +15V
VSS = –15V
VDD = +20V
VSS = –20V
0
–140
–120
–100
–80
–60
–40
–20
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
WITH DECOUPLING CAPACITORS
0.020
0
0.005
0.010
0.015
0
20000
15000
10000
5000
FREQUENCY (Hz)
LOAD = 10kΩ
TA = 25°C
VDD = 12V, VSS = 0V, VS = 6V p-p
VDD = 36V, VSS = 0V, VS = 18V p-p
VDD = 15V, VSS = –15V, VS = 15V p-p
VDD = 20V, VSS = –20V, VS = 20V p-p
0
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
480
460
440
420
400
380
360
340
320
0
120
100
80
60
40
20
–20
–40
TEMPERATURE (°C)
tON (±15V)
tOFF (+36V)
tON (+12V)
tON (±20V)
tOFF (±15V)
tON (+36V)
tOFF (+12V)
tOFF (±20V)
0.9
0.8
0.7
0.6
0.5
0
120
100
80
60
40
20
–20
–40
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com