Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049I Datasheet(PDF) 44 Page - Texas Instruments

Part # SWCS049I
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049I Datasheet(HTML) 44 Page - Texas Instruments

Back Button SWCS049I Datasheet HTML 40Page - Texas Instruments SWCS049I Datasheet HTML 41Page - Texas Instruments SWCS049I Datasheet HTML 42Page - Texas Instruments SWCS049I Datasheet HTML 43Page - Texas Instruments SWCS049I Datasheet HTML 44Page - Texas Instruments SWCS049I Datasheet HTML 45Page - Texas Instruments SWCS049I Datasheet HTML 46Page - Texas Instruments SWCS049I Datasheet HTML 47Page - Texas Instruments SWCS049I Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 119 page
background image
SWCS049-024
NO SUPPLY
OFF
BACKUP
VCC7 or BB >
VBNPR
and
VCC7 < VMBLO
ACTIVE
SLEEP
VCC7 and BB < VBNPR
VCC7 < VMBLO
VCC7 > VMBHI
POWER ON
disabled
POWER ON
Enabled
And VCCS > VMBCH
VCC7 > VMBHI
VCC7 and BB < VBNPR
VCC7 and BB < VBNPR
VCC7 < VMBLO
VCC7 < VMBLO
SLEEP
disabled
SLEEP
enabled
POWER ON
disabled
BB: Backup battery voltage
NRESPWRON
HDRST
PWRON_LP_IT
Pulse
generator
TDOINT1
TD
DEV_ON
PWRHOLD
PWRON
DEV_OFF
THERM_TS
DEV_OFF_RST
HDRST
PWRDN_POL
PWRDN
POWER ON
ENABLE
SLEEP
ENABLE
SLEEPSIG_POL
SLEEP
INT1
DEV_SLP
AUTODEV_ON
INT1
Copyright © 2016, Texas Instruments Incorporated
44
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.3
Embedded Power Controller (EPC)
The EPC manages the state of the device and controls the power-up sequence.
6.3.1
State Machine
The EPC supports the following states:
NO SUPPLY: The main battery supply voltage is not high enough to power the VRTC regulator. A
global reset is asserted in this case. Everything on the device is off.
BACKUP: The main battery supply voltage is high enough to enable the VRTC domain but not enough
to switch on all the resources. In this state, the VRTC regulator is in backup mode and only the 32K
oscillator and RTC module are operating (if enabled). All other resources are off or under reset.
OFF: The main battery supply voltage is high enough to start the power-up sequence, but device
power on is not enabled. All power supplies are in the OFF state except VRTC.
ACTIVE: Device POWER ON enable conditions are met and regulated power supplies are on or can
be enabled with full current capability.
SLEEP: Device SLEEP enable conditions are met and some selected regulated power supplies are in
low-power mode.
Figure 6-1 shows the transitions for the state machine.
NOTE: PWRHOLD enables power-on unless the pin is programmed as GPI.
Figure 6-1. Embedded Power Control State Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com