Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049I Datasheet(PDF) 45 Page - Texas Instruments

Part # SWCS049I
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049I Datasheet(HTML) 45 Page - Texas Instruments

Back Button SWCS049I Datasheet HTML 41Page - Texas Instruments SWCS049I Datasheet HTML 42Page - Texas Instruments SWCS049I Datasheet HTML 43Page - Texas Instruments SWCS049I Datasheet HTML 44Page - Texas Instruments SWCS049I Datasheet HTML 45Page - Texas Instruments SWCS049I Datasheet HTML 46Page - Texas Instruments SWCS049I Datasheet HTML 47Page - Texas Instruments SWCS049I Datasheet HTML 48Page - Texas Instruments SWCS049I Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 119 page
background image
45
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.3.1.1
Device POWER ON Enable Conditions
The device POWER ON enable conditions are as follows:
None of the device POWER ON disable conditions are met.
PWRON signal low level
Or PWRHOLD signal high level
Or DEV_ON control bit set to 1 (default inactive)
Or interrupt flag active (default INT1 low) generates a POWER ON enable condition during a fixed
delay (tDOINT1 pulse duration defined in Section 5.23.2, Power Control Timing). Interrupt sources
expected (if enabled), when the device is off:
RTC alarm interrupt
First-time input voltage rising above the VMBHI threshold (depending on the boot mode used) and
input voltage > VMBCH threshold. The interrupt corresponding to this last condition is VMBCH_IT
in the INT_STS_REG register.
Or HDRST reset release generates a POWER ON enable condition during a fixed delay tDOINT1
Interrupt flag active generates a POWER ON enable condition pulse of length tDOINT1 only when the device
is in the OFF state (when the NRESPWRON signal is low). The POWER ON enable condition pulse
occurs only if the interrupt status bit is initially low (no previous interrupt pending in the status register).
The interrupt status register must first be cleared to allow device power off during the tDOINT1 pulse
duration.
GPIO2 cannot be used to turn on the device, even if its associated interrupt is not masked. The GPIO0,
GPIO1, GPIO3, GPIO4, or GPIO5 signals can be used to turn on the device, if its associated interrupt is
not masked.
NOTE
The watchdog interrupt is not a power-on event, but can wake up the device from sleep
mode.
6.3.1.2
Device POWER ON Disable Conditions
Device POWER ON disable conditions are as follows:
PWRON signal low level during more than the long-press delay: PWON_LP_DELAY (can be disabled
though register programming). The interrupt corresponding to this condition is PWRON_LP_IT in the
INT_STS_REG register.
Or die temperature has reached the thermal shutdown threshold (THERM_TS = 1).
Or DEV_OFF or DEV_OFF_RST control bit is set to 1 (DEV_OFF value is cleared when the device is
in OFF state).
NOTE
If the DEV_ON bit is set to 1, after switch-off, the device switches back on. To keep the
device off, DEV_ON must be cleared first.
6.3.1.3
Device SLEEP Enable Conditions
Device SLEEP enable conditions are as follows:
SLEEP signal low level (default, or high level depending on the programmed polarity)
And DEV_SLP control bit is set to 1.
And interrupt flag inactive (default INT1 high): no nonmasked interrupt is pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com