Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-807 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-807
Description  HIGH-PRECISION VOLTAGE DETECTOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-807 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-807 Datasheet HTML 1Page - Seiko Instruments Inc S-807 Datasheet HTML 2Page - Seiko Instruments Inc S-807 Datasheet HTML 3Page - Seiko Instruments Inc S-807 Datasheet HTML 4Page - Seiko Instruments Inc S-807 Datasheet HTML 5Page - Seiko Instruments Inc S-807 Datasheet HTML 6Page - Seiko Instruments Inc S-807 Datasheet HTML 7Page - Seiko Instruments Inc S-807 Datasheet HTML 8Page - Seiko Instruments Inc S-807 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Seiko Instruments Inc.
1
* S-807 Series will be summarized into S-808 Series.
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
The S-807 Series is an adjustment-free high-precision voltage detector
made using the CMOS process. The output voltage is fixed internally,
with an accuracy of
±2.4%. Two output types are available, Nch open-
drain and CMOS output (active “H” and “L”), both of which have various
product lineups. This series features much lower current consumption
and higher detection voltage accuracy than the S-805 Series. Super-
miniature package is added for the S-807 Series, the S-807XXSX
Series.
This small SOT-23-5 style package allows the designer to
shrink the size of his finished product.
Electrical specs for the S-
807XXSX Series are the same as the standard S-807 Series. Output
forms of the S-807XXSX Series are Nch open-drain and CMOS active
“L”.

 Pin Assignment

 Features
• Ultra-low current consumption
1.0
µA typ. (V
DD=4.5 V)
• High-precision detection voltage ±2.4%
• Wide operating voltage range
1.0 to 15 V
• Good hysteresis characteristics
5% typ.
• Wide operating temperature range -30°C to+80°C
• 3 output forms : Nch open-drain, CMOS output active H ,
active L
• TO-92, SOT-89-3 and SOT-23-5 package

 Applications
• Battery checker
• Battery backup for memories
• Power failure detector
• Reset for microcomputer
• Store signal detector for non-
volatile RAM
Top view
Top view
1 OUT
2 VDD
3 VSS
1 2 3
Bottom view
1
2
3
1 OUT
2 VDD
3 VSS
(1) TO-92
(2) SOT-89-3
(3) SOT-23-5
1
2
3
1 OUT
2 VDD
3 VSS
4NC
5NC
54
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com