Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2026 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP2026
Description  2.7V to 5.5V USB Power Control Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2026 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP2026 Datasheet HTML 4Page - Sipex Corporation SP2026 Datasheet HTML 5Page - Sipex Corporation SP2026 Datasheet HTML 6Page - Sipex Corporation SP2026 Datasheet HTML 7Page - Sipex Corporation SP2026 Datasheet HTML 8Page - Sipex Corporation SP2026 Datasheet HTML 9Page - Sipex Corporation SP2026 Datasheet HTML 10Page - Sipex Corporation SP2026 Datasheet HTML 11Page - Sipex Corporation SP2026 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Rev. 1/23/02
SP2026 +2.7V to +5.5V USB Power Control Switch
© Copyright 2002 Sipex Corporation
USB Compliance
The SP2026 is ideal for self-powered and bus-
powered Universal Serial Bus (USB) applica-
tions. A USB port provides a +5.0V bus and
ground return line in addition to a twisted pair
for data.
The SP2026 will comply with the following
USB requirements:
1) The fault current is well below the UL 25VA
safety requirements;
2) The Flag Outputs are available to indicate
fault conditions to USB controllers;
3) The MOSFET switches' low on-resistance
meets USB voltage drop requirements;
4) Each MOSFET switch channel can supply
500mA as required by USB downstream de-
vices;
5) Soft start eliminates any momentary voltage
drops on the upstream port that may occur when
the switches are enabled in bus-powered appli-
cations.
Refer to Table 1 for a USB compliance sum-
mary of the SP2026. Additional features in-
clude the following:
6) An Undervoltage Lockout ensures that the
device remains off unless there is a valid input
supply voltage present;
7) +2.7V and +5.0V logic compatible enable
inputs;
8) Thermal Shutdown prevents the possibility of
catastrophic switch failure from high-current
loads;
8) The device is available in both active-high and
active-low versions.
Refer to Figures 7 to 14 for typical performance
characteristics of the SP2026.
Table 1. USB Protocol Compliance of the SP2026 device
Figure 4. Bypass Capacitor at the Supply Pins
ENA 1
FLGA 2
FLGB 3
ENB 4
0.1
µF to 1.0µF
8 OUTA
7 IN
6 GND
5 OUTB
VIN
SP2026
®
®
USB REQUIREMENT
Inrush current limiting required
Suspend State of <500
µA Required
Bus powered hubs must have 350mV drop from cable plug
to port
Voltage supplied to host or hub port is +4.75V to +5.25V
A device that draws bus power must have a stable supply
within 100ms of VBUS reaching +4.4V
Over-current reporting capability required
SP2026 COMPLIANT FEATURE
Soft start turns on in 1ms
Suspend Current of 1
µA maximum
Switch on resistance of 140m
Ω maximum (translates to
70mV at 500mA)
Operating range of +2.7V to +5.5V
Turns on in 1ms
Open drain fault flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com