Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2026 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP2026
Description  2.7V to 5.5V USB Power Control Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2026 Datasheet(HTML) 1 Page - Sipex Corporation

  SP2026 Datasheet HTML 1Page - Sipex Corporation SP2026 Datasheet HTML 2Page - Sipex Corporation SP2026 Datasheet HTML 3Page - Sipex Corporation SP2026 Datasheet HTML 4Page - Sipex Corporation SP2026 Datasheet HTML 5Page - Sipex Corporation SP2026 Datasheet HTML 6Page - Sipex Corporation SP2026 Datasheet HTML 7Page - Sipex Corporation SP2026 Datasheet HTML 8Page - Sipex Corporation SP2026 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Rev. 1/23/02
SP2026 +2.7V to +5.5V USB Power Control Switch
© Copyright 2002 Sipex Corporation
s Compliant to USB Specifications
s +2.7V to +5.5V Input Voltage Range
s Two Independent Power Switches
s Two Error Flag Outputs, Open Drain
s 2.4V Undervoltage Lockout
s 500mA Minimum Continuous Load
Current Per Switch
s 1.25A Short Circuit Current Limit
s 140m
Ω Maximum On-Resistance
SP2026
DESCRIPTION
The SP2026 is a dual +2.7V to +5.5V supervisory power control switch that is current limited
to 1.25A and has thermal shutdown to protect itself and the load. A device is disabled in
thermal shutdown until the excessive current load is removed, the appropriate enable pins are
toggled, or the die temperature cools to 120
°C. The undervoltage lockout feature disables the
output switches until a valid input voltage, VIN = 2.4V, is present. Once a valid input voltage
is present and the SP2026 is enabled, a 1ms soft start prevents momentary voltage drops
caused by charging a capacitive load. The SP2026 has a low on resistance, 100m
Ω, and
supplies a 500mA minimum output current per switch. In overcurrent and thermal shutdown,
error flags may be asserted for overtemperature.
+2.7V to +5.5V USB Power Control Switch
®
s 100
µA On-State Supply Current
s 1
µA Shutdown Current
s Output Can Be Forced Higher Than
Input (Off-State)
s Thermal Shutdown
s 1ms Soft-Start Power Up
s Active-High Version: SP2026-1
s Active-Low Version: SP2026-2
ENA
GND
OUTA
FLGA
FLGB
OUTB
IN
ENB
8
7
4
3
2
1
5
6
SP2026
®
®


Similar Part No. - SP2026

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SP202 POLYFET-SP202 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
SeCoS Halbleitertechnol...
SP20200 SECOS-SP20200 Datasheet
309Kb / 2P
20.0 AMP Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SP20200 JINGHENG-SP20200 Datasheet
505Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP20200 SHUNYE-SP20200 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
PACELEADER INDUSTRIAL
SP20200C PACELEADER-SP20200C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results

Similar Description - SP2026

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2526 SIPEX-SP2526 Datasheet
203Kb / 18P
3.0V to 5.5V USB Power Control Switch
SP2525 SIPEX-SP2525 Datasheet
177Kb / 16P
3.0V to 5.5V USB Power Control Switch
SP2526 SIPEX-SP2526 Datasheet
193Kb / 18P
3.0V to 5.5V USB Power Control Switch
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
June 10, 2010
logo
Maxim Integrated Produc...
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX17271EVKIT MAXIM-MAX17271EVKIT Datasheet
1Mb / 13P
2.7V to 5.5V, 1A DC power supply
Rev 1; 7/19
MAX17270EVKIT MAXIM-MAX17270EVKIT Datasheet
1,014Kb / 13P
2.7V to 5.5V, 1A DC power supply
Rev 0; 2/18
MAX2622EVKIT MAXIM-MAX2622EVKIT Datasheet
178Kb / 2P
2.7V to 5.5V Single-Supply Operation
Rev 1; 5/00
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com