Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3232BCN Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3232BCN
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232BCN Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3232BCN Datasheet HTML 7Page - Sipex Corporation SP3232BCN Datasheet HTML 8Page - Sipex Corporation SP3232BCN Datasheet HTML 9Page - Sipex Corporation SP3232BCN Datasheet HTML 10Page - Sipex Corporation SP3232BCN Datasheet HTML 11Page - Sipex Corporation SP3232BCN Datasheet HTML 12Page - Sipex Corporation SP3232BCN Datasheet HTML 13Page - Sipex Corporation SP3232BCN Datasheet HTML 14Page - Sipex Corporation SP3232BCN Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Rev. 6/30/03
SP3222B/3232B True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
This voltage is regulated to +5.5V. At this
voltage, the internal oscillator is disabled. Si-
multaneous with the transfer of the voltage to
C
4, the positive side of capacitor C1 is switched
to V
CC and the negative side is connected to
GND, allowing the charge pump cycle to begin
again. The charge pump cycle will continue as
long as the operational conditions for the inter-
nal oscillator are present.
Since both V+ and V– are separately generated
from V
CC; in a no–load condition V
+ and V– will
be symmetrical. Older charge pump approaches
that generate V– from V+ will show a decrease in
the magnitude of V– compared to V+ due to the
inherent inefficiencies in the design.
The clock rate for the charge pump typically
operates at 250kHz. The external capacitors can
be as low as 0.1
µF with a 16V breakdown
voltage rating.
ESD Tolerance
The SP3222B/3232B series incorporates
ruggedized ESD cells on all driver output and
receiver input pins. The ESD structure is
improved over our previous family for more
rugged applications and environments sensitive
to electrostatic discharges and associated
transients.
The Human Body Model has been the generally
accepted ESD testing method for semiconduc-
tors. This method is also specified in MIL-STD-
883, Method 3015.7 for ESD testing. The premise
of this ESD test is to simulate the human body’s
potential to store electrostatic energy and
discharge it to an integrated circuit.
The simulation is performed by using a test
model as shown in Figure 18. This method
will test the IC’s capability to withstand an
ESD transient during normal handling such as
in manufacturing areas where the ICs tend to
be handled frequently.
For the Human Body Model, the current
limiting resistor (R
S) and the source capacitor
(C
S) are 1.5kΩ and 100pF, respectively.
Figure 13. Charge Pump — Phase 1
Figure 14. Charge Pump — Phase 2
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
VCC = +5V
–10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com