Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3232BCN Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3232BCN
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232BCN Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3232BCN Datasheet HTML 8Page - Sipex Corporation SP3232BCN Datasheet HTML 9Page - Sipex Corporation SP3232BCN Datasheet HTML 10Page - Sipex Corporation SP3232BCN Datasheet HTML 11Page - Sipex Corporation SP3232BCN Datasheet HTML 12Page - Sipex Corporation SP3232BCN Datasheet HTML 13Page - Sipex Corporation SP3232BCN Datasheet HTML 14Page - Sipex Corporation SP3232BCN Datasheet HTML 15Page - Sipex Corporation SP3232BCN Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Rev. 6/30/03
SP3222B/3232B True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2003 Sipex Corporation
12
Figure 15. Charge Pump Waveforms
Figure 16. Charge Pump — Phase 3
Figure 17. Charge Pump — Phase 4
Figure 18. ESD Test Circuit for Human Body Model
Ch1 2.00V Ch2 2.00V M 1.00µs Ch1 5.48V
2
1
T
T
[]
T
+6V
a) C2+
b) C2-
GND
GND
-6V
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com