Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02016 Datasheet(PDF) 14 Page - M/A-COM Technology Solutions, Inc.

Part # M02016
Description  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02016 Datasheet(HTML) 14 Page - M/A-COM Technology Solutions, Inc.

Back Button M02016 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02016 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
M02016
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
14
CMOS Transimpedance Amplifier with AGC
for Fiber Optic Networks up to 1.25 Gbps
Rev V4
4.2
TO-Can Layout
4.3
Treatment of PINK
PINK requires bypassing to ground with a capacitor when powering a photo diode. If PINK is not used to bias the
photo diode, then it is not necessary to bypass an unused PINK.
Figure 4-2.
Typical Layout Diagram
Notes:
Typical application inside of a 5 lead TO-Can.
Only one of the VCC pads and one of the GND pads need to be connected (though in noisy environments two or
more GND pads connected may improve performance). The backside must be connected to the lowest potential,
usually ground, with conductive epoxy or a similar die attach material. If a monitor output is not required then a 4
lead TO-Can may be used.
GND
GND
VCC
MON
DOUT
DOUTB
1nF
470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com