Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38693MP-ADJ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693MP-ADJ/NOPB
Description  500-mA Low-Dropout CMOS Linear Regulators Stable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693MP-ADJ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP38693MP-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
LP38691-ADJ, LP38693-ADJ, LP38691-ADJ-Q1, LP38693-ADJ-Q1
SNVS324K – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LP38691-ADJ LP38693-ADJ LP38691-ADJ-Q1 LP38693-ADJ-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
If used in a dual-supply system where the regulator load is returned to a negative supply, the OUT pin must be diode clamped to
ground.
(4)
At elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink values (if a
heatsink is used). When using the WSON package, refer to Leadless Leadframe Package (LLP) (SNOA401) and the WSON Mounting
section in this data sheet. If power dissipation causes the junction temperature to exceed specified limits, the device will go into thermal
shutdown.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
V(MAX) All pins (with respect to GND)
–0.3
12
V
IOUT
(3)
Internally limited
V
Power dissipation(4)
Internally limited
V
Junction temperature
–40
150
°C
Storage temperature, Tstg
−65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings: LP38691-ADJ, LP38693-ADJ
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 ESD Ratings: LP38691-ADJ-Q1, LP38693-ADJ-Q1
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
2000
V
6.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN supply voltage
2.7
10
V
Operating junction temperature
−40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the WSON (NGN) package RθJA includes thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
6.5 Thermal Information
THERMAL METRIC(1)
LP3869x-ADJ
LP38693-ADJ
UNIT
WSON
SOT-223
6 PINS
5 PINS
RθJA
(2)
Junction-to-ambient thermal resistance, High-K
50.6
68.5(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.4
52.2
RθJB
Junction-to-board thermal resistance
24.9
13.0
ψJT
Junction-to-top characterization parameter
0.4
5.5
ψJB
Junction-to-board characterization parameter
25.1
12.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.4
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com