Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38693MP-ADJ/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693MP-ADJ/NOPB
Description  500-mA Low-Dropout CMOS Linear Regulators Stable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693MP-ADJ/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38693MP-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 10Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 11Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 12Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 13Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 14Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 15Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 16Page - Texas Instruments LP38693MP-ADJ/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LP38693
-ADJ
IN
OUT
GND
1 PF
*
1 PF
*
VOUT
VIN
R1
R2
VEN
EN
ADJ
LP38691
-ADJ
IN
OUT
GND
1 PF
*
1 PF
*
VOUT
VIN
R1
R2
ADJ
13
LP38691-ADJ, LP38693-ADJ, LP38691-ADJ-Q1, LP38693-ADJ-Q1
www.ti.com
SNVS324K – JANUARY 2005 – REVISED JANUARY 2016
Product Folder Links: LP38691-ADJ LP38693-ADJ LP38691-ADJ-Q1 LP38693-ADJ-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP3869x-ADJ can provide 500 mA output current with 2.7 V to 10 V input. Adjustable output voltage in the
range of 1.25 V to 9 V. LP3869x-ADJ is stable with a 1-
μF ceramic output capacitor. Typical output noise is
0.7
μVRMS at frequencies from 10 Hz to 10 kHz. Typical PSSR is 55 dB at 1 kHz.
8.2 Typical Applications
* Minimum value required for stability
Figure 28. LP38691-ADJ Typical Application
* Minimum value required for stability
Figure 29. LP38693-ADJ Typical Application
8.2.1 Design Requirements
For typical LDO CMOS linear regulators , use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
Input voltage range
2.7 V to 10 V
Output range
Adjustable
Output current
500 mA (maximum)
Output capacitor range
1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com