Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POW-4850 Datasheet(PDF) 2 Page - Level One

Part # POW-4850
Description  5-Port Industrial Fast Ethernet Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POW-4850 Datasheet(HTML) 2 Page - Level One

  POW-4850 Datasheet HTML 1Page - Level One POW-4850 Datasheet HTML 2Page - Level One POW-4850 Datasheet HTML 3Page - Level One POW-4850 Datasheet HTML 4Page - Level One POW-4850 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transmission Method:
Store-and-Forward
Power:
Redundant Dual DC 9V-56V
Alarm Relay Output 1A @ 24VDC
Performance
Backplane (Gbps):
1G
MAC Address Table:
1K
Data Transfer Rate:
10/100Mbps
Packet Forwarding Rate:
100Mbps port - 148,000pps
10Mbps port - 14,880pps
Environment
Temperature (°C):
Operating: - 40°C ~ 75°C
Storage: - 40°C ~ 85°C
Humidity (Non-condensing):
Storage: 5% ~ 95%
Operating: 5% ~ 95%
Deployment:
Desk, din rail, wall mount
Physical Specifications
Dimensions (W x D x H mm):
36.2 x 105 x 142 mm
Weight (g):
460 g
Reliability
MTBF:
150,000 hrs at 25°C
Others
Approval and Compliance:
FCC, CE, RoHS, VCCI, Safety EN60950-1
EN55022/24
EN55011
EN50121-3-2
EN50121-4 (pending)
EN50155 (pending)
EN60068-2-6
EN60068-2-27
EN60068-2-32
www.level1.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com