Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POW-4850 Datasheet(PDF) 1 Page - Level One

Part # POW-4850
Description  5-Port Industrial Fast Ethernet Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POW-4850 Datasheet(HTML) 1 Page - Level One

  POW-4850 Datasheet HTML 1Page - Level One POW-4850 Datasheet HTML 2Page - Level One POW-4850 Datasheet HTML 3Page - Level One POW-4850 Datasheet HTML 4Page - Level One POW-4850 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IFS-0501 Version: 1
5-Port Industrial Fast Ethernet Switch
The LevelOne IFS-0501 Industrial Fast Ethernet Switch provides 5 ports at 10/100M TX to enable high
speed network in mission-critical environments. With an industrial standard DIN-rail mount, this switch can
be installed in a cabinet, and clearly visible status LEDs provide simple monitoring of port link activity. The
switch is housed in a solid metal case rated at IP30, keeping it safe from dust, vibration, heat and humidity,
while an operational temperature range of -40°C to +75°C makes it suitable for deployment in almost any
environment.
Key Features
- Provides flexibility of 5x 10/100BASE-TX ports
- 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
- -40°C to 75°C (-40°F to 167°F) operating temperture range
- Provides DIN-rail, wall or desktop mounting
- IP30 metal case
- Redundant power inputs with Terminal Block
- Supports 9 to 56VDC power inputs
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10Base-T Ethernet
IEEE 802.3u 100Base-TX Fast Ethernet
IEEE 802.3u 100Base-FX Fast Ethernet
IEEE802.3x Flow Control and Back Pressure
Memory:
1M
Buffer Memory:
1M
Connectors and Cabling:
5 x 10/100M TX
1 x Terminal block
Indicator:
PW1 (Power 1) : Green / PW2 (Power 2) : Green /
SW( Relay) : Amber
LNK (RJ45) : Green
www.level1.com
Page 1 of 5


Similar Part No. - POW-4850

ManufacturerPart #DatasheetDescription
logo
Level One
POW-4850 LVL1-POW-4850 Datasheet
758Kb / 1P
240W 48VDC Industrial Power Supply, PoE Ready DIN-rail -25 to 70C
More results

Similar Description - POW-4850

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3005F ETC2-3005F Datasheet
127Kb / 3P
Industrial 5-port Redundant Fast Ethernet Fiber Switch
logo
Advantech Co., Ltd.
EKI-5525 ADVANTECH-EKI-5525_15 Datasheet
444Kb / 2P
5-port Fast Ethernet ProView Switch
EKI-2525-BE ADVANTECH-EKI-2525-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525-I ADVANTECH-EKI-2525-I Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525I-BE ADVANTECH-EKI-2525I-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-5525-I ADVANTECH-EKI-5525-I Datasheet
444Kb / 2P
5-port Fast Ethernet ProView Switch
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
Industrial 5-port Unmanaged Ethernet Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com