Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128A Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6128A
Description  Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128A Datasheet(HTML) 1 Page - Sipex Corporation

  SP6128A Datasheet HTML 1Page - Sipex Corporation SP6128A Datasheet HTML 2Page - Sipex Corporation SP6128A Datasheet HTML 3Page - Sipex Corporation SP6128A Datasheet HTML 4Page - Sipex Corporation SP6128A Datasheet HTML 5Page - Sipex Corporation SP6128A Datasheet HTML 6Page - Sipex Corporation SP6128A Datasheet HTML 7Page - Sipex Corporation SP6128A Datasheet HTML 8Page - Sipex Corporation SP6128A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev. 05/25/04
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
SP6128A
■ Optimized for Single Supply, 3V - 5.5V Applications
■ High Efficiency: Greater Than 95% Possible
■ Discontinuous Startup for Precharged Output
■ Accurate Fixed 300kHz Frequency Operation
■ Fast Transient Response
■ Internal Soft Start Circuit
■ Accurate 0.8V Reference Allows Low Output
Voltages
■ Resistor Programmable Output Voltage
■ Resistor Programmable Overcurrent Threshold
■ Loss-less Current Limit with High Side RDS(ON)
Sensing
■ Hiccup Mode Current Limit Protection
■ Dual N-Channel MOSFET Synchronous Driver
■ Quiescent Current: 500µA, 30µA in Shutdown
■ 14 pin TSSOP
Low Voltage, Synchronous Step Down PWM Controller
Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
APPLICATIONS
■ DSP
■ Microprocessor Core
■ I/O & Logic
■ Industrial Control
■ Distributed Power
■ Low Voltage Power
The SP6128A is a fixed frequency, voltage mode, synchronous PWM controller designed to
work from a single 5V or 3.3V input supply, providing excellent AC and DC regulation for high
efficiency power conversion. Requiring only few external components, the SP6128A pack-
aged in an 14-pin TSSOP, is especially suited for low voltage applications where cost, small
size and high efficiency are critical. The operating frequency is internally set to 300kHz,
allowing small inductor values and minimizing PC board space. The SP6128A drives two
N-channel power MOSFETs for improved efficiency and includes an accurate 0.8V reference
for low output voltage applications.
®
1
2
3
4
5
6
7
GL
PVCC
VCC
PGND
GND
COMP
NC
14
13
12
11
10
9
8
BST
GH
SWN
ISET
VFB
NC
NC
SP6128A
14 pin TSSOP
BST
SWN
VCC
VFB
COMP
GH
GL
GND
C1
2.2µF
SP6128A
Q1
FDS6690A
C4
1µF
D2
STPS2L25U
PVCC
PGND
NC
ISET
NC
NC
R1
5
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C3
68pF
R2
7.87k
C2 4.7n
R3
8k
D1
MBR0530
L1
1.0µH
Q2
FDS6690A
C12
4.7nF
R4
1.7k
R5
800
C8
10µF
C9
10µF
C10
10µF
C11
470µF
2.5V/10A
C5
10µF
C6
10µF
C7
10µF
3V to 5.5V
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
DESCRIPTION


Similar Part No. - SP6128A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Sipex Corporation
SP6128AB SIPEX-SP6128AB Datasheet
386Kb / 10P
Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
SP6128ACY SIPEX-SP6128ACY Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128ACY EXAR-SP6128ACY Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
More results

Similar Description - SP6128A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
2A Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com