Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6128A Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6128A
Description  Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128A Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6128A Datasheet HTML 2Page - Sipex Corporation SP6128A Datasheet HTML 3Page - Sipex Corporation SP6128A Datasheet HTML 4Page - Sipex Corporation SP6128A Datasheet HTML 5Page - Sipex Corporation SP6128A Datasheet HTML 6Page - Sipex Corporation SP6128A Datasheet HTML 7Page - Sipex Corporation SP6128A Datasheet HTML 8Page - Sipex Corporation SP6128A Datasheet HTML 9Page - Sipex Corporation SP6128A Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Rev. 05/25/04
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
SP6128A OVER CURRENT (HICCUP MODE)
Test Conditions
V
FB = 0.7V
V
CC = PVCC = 5.0V
A more detailed description of the waveform is shown below.
Over Current Protection
Over current protection on the SP6128A is imple-
mented through detection of an excess voltage
condition across the high side NMOS switch
during conduction. This is typically referred to
as high side RDS(ON) detection and eliminates the
need of an external sense resistor. The over
current comparator charges an internal sam-
pling capacitor each time VSWN is lower than
(VISET- 140mV) and the GH voltage is high. The
discharge/charge current ratio on the sampling
capacitor is about 2%. Therefore, provided that
the over current condition persists, the capacitor
voltage will be pumped up during each time GH
switches high. This voltage will trigger an over
current condition upon reaching a CMOS in-
verter threshold. There are many advantages to
this approach. First, the filtering action of the
gated scheme protects against false and undesir-
able triggering that could occur during a minor
transient overload condition or supply line noise.
Furthermore, the total amount of time to trigger
the fault depends on the on-time of the high side
NMOS switch. Fifteen, 1
µs pulses are equiva-
lent to thirty, 500ns pulses or one, 15
µs pulse,
however, depending on the period, each sce-
nario takes a different amount of total time to
trigger a fault. Therefore, the fault becomes an
indicator of average power in the high side
BST = 5.0V
SWN - tied to GND through 1k Resistor
COMP – released from GND
Internal SSTART
passes V(VFB), COMP
pops to ~ internal
SSTART voltage +0.7V
Internal SSTART rises until
~ VCC-1V, then gives command
to attempt RESTART
COMP Clamps
~ 3V
After pop, COMP
retains internal
SSTART slope
ENABLE
Part
Attempt
RESTART
5µA PULLUP slope to 0.3V;
35µA PULLUP to 0.7V
Overcurrent Detected
GH Turns Off
Fault Mode Enabled
GH
COMP
OPERATION: continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com