Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5262B-G Datasheet(PDF) 4 Page - Comchip Technology

Part # 1N5262B-G
Description  Axial Leaded Glass Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N5262B-G Datasheet(HTML) 4 Page - Comchip Technology

  1N5262B-G Datasheet HTML 1Page - Comchip Technology 1N5262B-G Datasheet HTML 2Page - Comchip Technology 1N5262B-G Datasheet HTML 3Page - Comchip Technology 1N5262B-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B
Taping Specification For Axial Lead Diodes
L1
L2
E
A
Z
T
E
Standard Packaging
90℃±5℃
B
Z
T
E
L1-L2
DO-35
SYMBOL
A
(mm)
(inch)
0.039 (max)
5.00 ± 0.5
52.0 ± 1.5
6.0 ± 0.4
1.0 (max)
1.2 (max)
0.8 (max)
2.047 ± 0.059
0.197± 0.020
0.047 (max) 0.236 ± 0.016 0.032(max)
Case Type
DO-35
5,000
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
100,000
1N
52
XXB
Cathode band
Marking Code
Part Number
1N5221-G ~ 1N5267-G
Marking Code
1N52XXB
XX : Product type marking code (see page.4)
Axial Leaded Glass Zener Diode
Comchip
S M D D i o d e S p e c i a l i s t
Page 4
REV: C
QW-BZ001
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com