Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5262B-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 1N5262B-G
Description  Axial Leaded Glass Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N5262B-G Datasheet(HTML) 2 Page - Comchip Technology

  1N5262B-G Datasheet HTML 1Page - Comchip Technology 1N5262B-G Datasheet HTML 2Page - Comchip Technology 1N5262B-G Datasheet HTML 3Page - Comchip Technology 1N5262B-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Axial Leaded Glass Zener Diode
Page 2
REV: C
QW-BZ001
Comchip
S M D D i o d e S p e c i a l i s t
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Electrical Characteristics (1N5221B-G Thru. 1N5267B-G)
Note:(1) Based on DC measurement at thermal equilibrium; lead length=9.5(3/8"); thermal resistance of heat sink=30°C/W
1N5221B-G
1N5222B-G
1N5223B-G
1N5224B-G
1N5225B-G
1N5226B-G
1N5227B-G
1N5228B-G
1N5229B-G
1N5230B-G
1N5231B-G
1N5232B-G
1N5233B-G
1N5234B-G
1N5235B-G
1N5236B-G
1N5237B-G
1N5238B-G
1N5239B-G
1N5240B-G
1N5241B-G
1N5242B-G
1N5243B-G
1N5244B-G
1N5245B-G
1N5246B-G
1N5247B-G
1N5248B-G
1N5249B-G
1N5250B-G
1N5251B-G
1N5252B-G
1N5253B-G
1N5254B-G
1N5255B-G
1N5256B-G
1N5257B-G
1N5258B-G
1N5259B-G
1N5260B-G
1N5261B-G
1N5262B-G
1N5263B-G
1N5264B-G
1N5265B-G
1N5266B-G
1N5267B-G
Part No.
Zener Voltage
Vz @ IZT
Nominal
V
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
60
62
68
75
(1)
105
125
150
170
185
230
270
Ω
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
ZzT @ IzT
Impedance resistance
mA
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
8.5
7.8
7.4
6.6
6.2
5.6
5.2
4.6
4.5
4.2
3.8
3.4
3.2
2.7
2.5
2.2
2.1
1.8
1.7
Maximum dynamic
9
7
5
3
2
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
1000
1100
1300
1400
1400
1600
1700
Ω
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
Zzk @ Izk
mA
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
Maxumum Reverse
μA
100
100
0.5
Leakage Current
75
75
50
25
15
10
5
5
5
5
5
5
3
3
3
3
3
3
2
1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
IR @ VR
V
2
2
3
3.5
4
5
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
14
15
17
18
19
21
21
23
25
27
30
33
36
39
43
46
47
52
56
1
1
1
1
1
1
1
1
1
Temperature
of Coefficient
@ IzT
α(%/K)
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
+0.055
+0.030
+0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.086
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.096
+0.096
+0.097
+0.097
+0.097
+0.098
Marking Code
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
1N5266B
1N5267B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com