Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6652EU Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6652EU
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652EU Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6652EU Datasheet HTML 3Page - Sipex Corporation SP6652EU Datasheet HTML 4Page - Sipex Corporation SP6652EU Datasheet HTML 5Page - Sipex Corporation SP6652EU Datasheet HTML 6Page - Sipex Corporation SP6652EU Datasheet HTML 7Page - Sipex Corporation SP6652EU Datasheet HTML 8Page - Sipex Corporation SP6652EU Datasheet HTML 9Page - Sipex Corporation SP6652EU Datasheet HTML 10Page - Sipex Corporation SP6652EU Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 10 PIN MSOP
(ALL DIMENSIONS IN MILLIMETERS)
0.07
-
-
L1
L
R1
Ø
Ø1
R
1
Ø1
Seating Plane
1
E1
2
E/2
e1
e
E
D
Gauge Plane
L2
D
A2
A
A1
b
-
-
1.1
0
-
0.15
Dimensions in (mm)
10-PIN MSOP
JEDEC MO-187
(BA) Variation
0.75
0.85
0.95
0.17
-
0.27
0.08
-
0.23
3.00 BSC
4.90 BSC
3.00 BSC
0.4
0.60
0.80
0.95
-
0.25
-
-
10
-
0.07
-
-
0º
8º
A
A1
A2
b
c
D
E
E1
L
L1
L2
N
R
R1
Ø
0º
-
15º
Ø1
MIN
NOM MAX
e1
e
2.00 BSC
0.50 BSC
c
WITH PLATING
BASE METAL
(b)
-
-
Pin #1 indentifier must be indicated within this shaded area (D/2 * E1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com