Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6652EU Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6652EU
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652EU Datasheet(HTML) 1 Page - Sipex Corporation

  SP6652EU Datasheet HTML 1Page - Sipex Corporation SP6652EU Datasheet HTML 2Page - Sipex Corporation SP6652EU Datasheet HTML 3Page - Sipex Corporation SP6652EU Datasheet HTML 4Page - Sipex Corporation SP6652EU Datasheet HTML 5Page - Sipex Corporation SP6652EU Datasheet HTML 6Page - Sipex Corporation SP6652EU Datasheet HTML 7Page - Sipex Corporation SP6652EU Datasheet HTML 8Page - Sipex Corporation SP6652EU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
SP6652
FEATURES
■ 1A Output Current
■ 1.2MHz Constant Frequency Operation
■ 97% Efficiency Possible
■ Pin Selectable Forced PWM or PWM/PFM Modes
■ Ultra Low Quiecent Current in PFM Mode: 50µA
■ 500nA (Max.) Shutdown Current
■ Output Adjustable Down to 0.75V
■ No External FET's or Schottky Diode Required
■ Uses Small Value Inductors and Ceramic
Output Capacitors
■ Low Dropout Operation: 100% Duty Cycle
■ Soft Start and Thermal Shutdown Protection
■ Easy Frequency Synchonization
■ Small 10 Pin MSOP and 10 Pin DFN Package
APPLICATIONS
■ Mobile Phones
■ PDA's
■ DSC's
■ MP3 Players
■ USB Devices
■ Point of Use Power
The SP6652 is high efficiency, synchronous buck regulator ideal for portable applications using
one Li-Ion cell, with up to 1A output current. The 1.2MHz switching frequency and PWM control
loop are optimized for small value inductor and ceramic output capacitor, for space constrained
portable designs. At light load, the SP6652 can operate in either PFM mode for high efficiency,
or PWM mode for constant frequency. In addition, the input voltage range of 2.7V to 5.5V;
excellent transient response, output accuracy, and ability to transition into 100% duty cycle
operation, further extending useful battery life, make the SP6652 a superior choice for a wide
range of portable power applications. The output voltage is externally programmable down to
0.75V. A logic level shutdown control, external clock synchronization, and forced-PWM or
automatic control inputs are provided. Other features include soft-start, over current protection
and 140(C over-temperature shutdown.
®
VOUT
3.3V at 1A
10µF
100k
340k
4.7µF
VIN
10µF
6.2nF
8k
1
2
3
4
5
10
9
8
7
6
SP6652
PGND
SGND
FB
COMP
SD
LX
PVIN
SVIN
SYNC
MODE
ENABLE
SHUTDOWN
TYPICAL APPLICATION SCHEMATIC
DESCRIPTION
SP6652
10 Pin MSOP
10
9
8
7
6
LX
PVIN
SVIN
SYNC
MODE
PGND
SGND
FB
COMP
SD
1
2
3
4
5
1A, High Efficiency, High Frequency Current Mode PWM
Buck Regulator
Now Available in Lead Free Packaging


Similar Part No. - SP6652EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652EU SIPEX-SP6652EU Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
SP6652EU SIPEX-SP6652EU Datasheet
505Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP6652EU EXAR-SP6652EU Datasheet
965Kb / 16P
1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652EU-ES SIPEX-SP6652EU-ES Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Exar Corporation
SP6652EU-ES EXAR-SP6652EU-ES Datasheet
965Kb / 16P
1A, High Efficiency, Fixed 1.4 MHz
More results

Similar Description - SP6652EU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
7A, High Efficiency Current Mode Controlled PWM Regulator
1994 04
logo
Maxim Integrated Produc...
MAX1953 MAXIM-MAX1953 Datasheet
642Kb / 22P
Low-Cost, High-Frequency, Current-Mode PWM Buck Controller
Rev 0; 4/02
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
ISL91106 INTERSIL-ISL91106 Datasheet
125Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
November 20, 2015
logo
Renesas Technology Corp
ISL91106 RENESAS-ISL91106 Datasheet
206Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
Princeton Technology Co...
RS2053 PTC-RS2053 Datasheet
319Kb / 4P
High Efficiency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com