Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6660CP Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6660CP
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660CP Datasheet(HTML) 2 Page - Sipex Corporation

  SP6660CP Datasheet HTML 1Page - Sipex Corporation SP6660CP Datasheet HTML 2Page - Sipex Corporation SP6660CP Datasheet HTML 3Page - Sipex Corporation SP6660CP Datasheet HTML 4Page - Sipex Corporation SP6660CP Datasheet HTML 5Page - Sipex Corporation SP6660CP Datasheet HTML 6Page - Sipex Corporation SP6660CP Datasheet HTML 7Page - Sipex Corporation SP6660CP Datasheet HTML 8Page - Sipex Corporation SP6660CP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
2
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
0
5
1
h
t
i
w
y
c
n
e
u
q
e
r
F
w
o
L
t
a
t
i
u
c
r
i
C
r
e
t
r
e
v
n
I
µµµµµ
s
r
o
t
i
c
a
p
a
C
F
T
,
n
e
p
o
=
C
F
,
F
µ
0
5
1
=
2
C
=
1
C
,
V
6
.
3
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
o
t
r
e
f
e
r
;
1
e
r
u
g
i
F
2
e
t
o
N
.
t
i
u
c
r
i
c
t
s
e
t
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
13
9
.
05
2
.
4V
R
L
0
0
5
=
Ω
4
e
t
o
N
,
t
n
e
r
r
u
C
y
l
p
p
u
S4
.
08
.
0A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O1
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O5
0
10
2z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O2
.
50
1
Ω
I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
0
.
9
96
9
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P8
8
0
8
3
6
4
9
5
8
0
7
%
R
L
0
0
5
=
Ω
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=
0
5
1
h
t
i
w
y
c
n
e
u
q
e
r
F
w
o
L
t
a
t
i
u
c
r
i
C
r
e
l
b
u
o
D
µµµµµ
s
r
o
t
i
c
a
p
a
C
F
T
,
n
e
p
o
=
C
F
,
F
µ
0
5
1
=
2
C
=
1
C
,
V
6
.
3
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
o
t
r
e
f
e
r
;
2
e
r
u
g
i
F
2
e
t
o
N
.
t
i
u
c
r
i
c
t
s
e
t
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
25
.
15
2
.
4V
R
L
k
1
=
Ω
4
e
t
o
N
,
t
n
e
r
r
u
C
y
l
p
p
u
S4
.
08
.
0A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O1
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O5
0
10
2z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O2
.
50
1I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
0
.
9
96
9
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P1
9
9
8
9
7
6
9
3
9
5
8
%
R
L
K
1
=
Ω
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in the
operation sections of the specifications below is not implied.
Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
Power Supply Voltage
(V+ to GND or GND to OUT).........................................+4.5V
LV Input Voltages........................(OUT - 0.3V) to (V+ + 0.3V)
FC and OSC Input Voltages..................The least negative of
(OUT - 0.3V) or (V+ - 4.5V) to (V+ + 0.3V)
SPECIFICATIONS
OUT and V+ Continuous Output Current.....................250mA
Output Short-Circuit Duration to GND.................................1s
Operating Temperature Ranges
SP6660C_........................................0˚C to +70˚C
SP6660E_.....................................-40˚C to +85˚C
Continuous Power Dissipation (T
AMB = 70˚C)
PDIP (derate 9.09mW/˚C above +70˚C)..................727mW
NSOIC (derate 5.88mW/˚C above +70˚C)...............471mW
µSOIC (derate 4.10mW/˚C above +70˚C)................330mW
Operating Temperature...................................-40˚C to +85˚C
Storage Temperature....................................-65˚C to +150˚C
Lead Temperature (soldering 10s)..............................+300˚C
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com