Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6660CP Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6660CP
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660CP Datasheet(HTML) 5 Page - Sipex Corporation

  SP6660CP Datasheet HTML 1Page - Sipex Corporation SP6660CP Datasheet HTML 2Page - Sipex Corporation SP6660CP Datasheet HTML 3Page - Sipex Corporation SP6660CP Datasheet HTML 4Page - Sipex Corporation SP6660CP Datasheet HTML 5Page - Sipex Corporation SP6660CP Datasheet HTML 6Page - Sipex Corporation SP6660CP Datasheet HTML 7Page - Sipex Corporation SP6660CP Datasheet HTML 8Page - Sipex Corporation SP6660CP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
5
DESCRIPTION
The SP6660 Charge Pump DC-DC Voltage
Converter either inverts or doubles the input
voltage. As a negative voltage inverter, as shown
in Figure 1, a +1.5V to +4.25V input can be
converted to a -1.5V to -4.25V output. Figure 2,
as a positive voltage doubler, a +2.5V to +4.25V
input can be converted to a +5.0V to +8.5V output.
Figure 1. SP6660 Test Circuit for the Voltage Inverter
OSC
OUT
SP6660
+VIN
C1
5
1
2
7
4
CAP+
CAP-
GND
6
8
3
LV
TEST CIRCUIT: VOLTAGE INVERTER
FC
V+
RL
C2
IL
IS
VOUT
Typical performance curves in Figures 3 to 20
are generated using the test circuits found in
Figure 1 and Figure 2. Four operating modes
are shown in the curves: Voltage inverter in low
and high frequency modes and voltage doubler
in low and high frequency modes.
Figure 2. Test Circuit for the Positive Voltage Doubler
OSC
OUT
SP6660
+VIN
C1
5
1
2
7
4
C2
CAP+
CAP-
GND
6
8
3
LV
TEST CIRCUIT: VOLTAGE DOUBLER
+V
IS
FC
RL
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com