Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6680EU Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6680EU
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680EU Datasheet(HTML) 3 Page - Sipex Corporation

  SP6680EU Datasheet HTML 1Page - Sipex Corporation SP6680EU Datasheet HTML 2Page - Sipex Corporation SP6680EU Datasheet HTML 3Page - Sipex Corporation SP6680EU Datasheet HTML 4Page - Sipex Corporation SP6680EU Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. 6/27/01
SP66680 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
3
changes with input changes. Also, you can see these mode changes by attaching a
scope probe to the “CF1P” post and observe how the pump waveform changes from the
2X mode to the 1.5X mode, as shown in the scope traces shown below. As seen in the
datasheet specification for Power Efficiency, by dynamically changing modes with input
voltages the SP6680 optimizes power efficiency.
Vin = 3.7V, 2X Mode 32kHz
Vin = 4.0V, 1.5X Mode 32kHz
TABLE2: SP6680UEB PIN ASSIGNMENTS
Ch1 = CF2P
Ch2 = CF1P
Ch3 = Vin
Ch4 = Vout
Pin No.
Pin Name
Pin Function
Input/Output Pin Name
U1 - SP6680UEB Pin Assignments
1
VOUT
PreRegulated 5.2 to 6.3Vout
VOUT
2
CFIP
Fly Capacitor One Positive
CFIP
3
VIN
Input Voltage
VIN
4
CD4
Digital Input for CLK/4
CD4
5
CX8
Digital Input for CLK*8
CX8
6
CLK
Clock Input
CLK
7
CF2N
Fly Capacitor Two Negative
8
GND
Ground
GND
9
CF1N
Fly Capacitor One Negative
10
CF2P
Fly Capacitor Two Positive
CF2P
U2 - SP6200EM5 Pin Assignments
1
VIN
LDO Input
2
GND
Ground
GND
3
ON/OFF_N
ON = H or Shutdown =L
4
N/C
No Connect
5
VOUT
+5V Output
+5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com