Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6680EU Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6680EU
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680EU Datasheet(HTML) 5 Page - Sipex Corporation

  SP6680EU Datasheet HTML 1Page - Sipex Corporation SP6680EU Datasheet HTML 2Page - Sipex Corporation SP6680EU Datasheet HTML 3Page - Sipex Corporation SP6680EU Datasheet HTML 4Page - Sipex Corporation SP6680EU Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. 6/27/01
SP66680 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
5
SP6680 EVALUATION BOARD SCHEMATIC
TABLE3: SP6680EB LIST OF MATERIALS
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6680UEB ........................................................................... SP6680 Evaluation Board
SP6680EU.....................................-40
°C to +85°C......................................10-pin µSOIC
SP6200
2
GND
4
N/C
3
ON/OFF_N
1
VIN
5
VOUT
GND
GND
5V
VOUT
CF1P
CF2P
GND
CLK
CX8
CD4
VIN
SP6680
U1
4
CD4
9
CF1N
2
CF1P
7
CF2N
10
CF2P
6
CLK
5
CX8
8
GND
3
VIN
1
VOUT
4.7uF
N/C
2.2uF
2.2uF
2.2uF
2.2uF
+5V LDO
CF1
CIN
C5
Cer.
1M
1M
C6
COUT
CF2
Cer.
SP1
R2
R1
Cer.
Cer.
SP3
SP2
Cer.
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
Vendor
Des.
Part Number
Size
Phone Number
PCB
1
Sipex
146-6386-00
.85"x1.5"
SP6680 Eval PCB
978-667-7800
U1
1
Sipex
SP6680EU
uSO-10
5V Reg. Charge Pump
978-667-7800
U2
1
Sipex
SP6200EM5-5.0
SOT23-5
5V LDO Regulator
978-667-7800
Cout,Cf1,Cf2,C5
4
TDK
C2012X5R1A225K
0805 SM
2.2uF 10V SM X5R
847-803-6100
Cin
1
TDK
C3216X5R1C475K
1206 SM
4.7uF 10V SM X5R
847-803-6100
C6
0
No Connection
R1,2
2
Panasonic
ERJ-8GEYJ105
1206 SM
1M Thick Film Res 5%
800-344-4539
TP
11
Mill-Max
3137-3002-10-0080
.042 Dia
Test Point Female Pin
800-344-4539



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com