Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6201EM5-2.7/TR Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6201EM5-2.7/TR
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6201EM5-2.7/TR Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6201EM5-2.7/TR Datasheet HTML 9Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 10Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 11Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 12Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 13Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 14Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 15Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 16Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 5 PIN SOT-23
A
A2
A1
SIDE VIEW
D
E
E/2
e1
N/2
2
1
b
e
E1
E1/2
N
N/2
+1
L1
L
L2
4X
Ø1
Seating Plane
Gauge Plane
VIEW C
SEE VIEW C
H
B
B
c
WITH PLATING
BASE METAL
b
Ø1
Ø
-
-
1.45
0
-
0.15
Dimensions in (mm)
5 PIN SOT-23
JEDEC MO-178
(AA) Variation
0.90
1.15
1.30
0.30
-
0.50
0.08
-
0.22
2.90 BSC
2.80 BSC
1.60 BSC
0.30
0.45
0.60
0.60 REF
0º
4º
8º
A
A1
A2
b
c
D
E
E1
L
L1
L2
Ø
5º
10º
15º
Ø1
MIN
NOM MAX
0.25 BSC
e
e1
1.90 BSC
0.95 BSC
5 PIN SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com