Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6201EM5-2.7/TR Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP6201EM5-2.7/TR
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6201EM5-2.7/TR Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP6201EM5-2.7/TR Datasheet HTML 9Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 10Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 11Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 12Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 13Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 14Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 15Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 16Page - Sipex Corporation SP6201EM5-2.7/TR Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 8 PIN DFN
Top View
D
A
D2
Bottom View
E2
b
e
L
A1
A3
E
E/2
D/2
12
K
K
Side View
Pin 1 identifier to be located within this shaded area.
Terminal #1 Index Area (D/2 * E/2)
2x3 8 Pin DFN
JEDEC mo-229C
(VCED-2) Variation
Dimensions in (mm)
Symbol
MIN
NOM
MAX
A
A1
A3
b
D
D2
E2
e
L
0.80
0.90
1.00
0
0.02
0.05
0.20
2.00 BSC
1.50
1.75
0.30
0.40
0.50
1.60
1.90
0.18
0.25
0.30
0.50
2x3 8 Pin DFN
E
3.00 BSC
-
-
-
--
-
0.20
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com