Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJS104035NJ Datasheet(PDF) 3 Page - AVX Corporation

Part # TAJS104035NJ
Description  General purpose SMT chip tantalum series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJS104035NJ Datasheet(HTML) 3 Page - AVX Corporation

  TAJS104035NJ Datasheet HTML 1Page - AVX Corporation TAJS104035NJ Datasheet HTML 2Page - AVX Corporation TAJS104035NJ Datasheet HTML 3Page - AVX Corporation TAJS104035NJ Datasheet HTML 4Page - AVX Corporation TAJS104035NJ Datasheet HTML 5Page - AVX Corporation TAJS104035NJ Datasheet HTML 6Page - AVX Corporation TAJS104035NJ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
38
■ MAY 2014
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
2.5 Volt @ 85°C
TAJR475*002#NJ
R
4.7
2.5
85
1.7
125
0.5
6
20
1
52
47
21
TAJR685*002#NJ
R
6.8
2.5
85
1.7
125
0.5
6
20
1
52
47
21
TAJR106*002#NJ
R
10
2.5
85
1.7
125
0.5
8
4.5
1
111
99
44
TAJS106*002#NJ
S
10
2.5
85
1.7
125
0.5
6
8
1
90
81
36
TAJR156*002#NJ
R
15
2.5
85
1.7
125
0.5
8
4.1
1
116
104
46
TAJP226*002#NJ
P
22
2.5
85
1.7
125
0.5
8
3.5
1
131
118
52
TAJR226*002#NJ
R
22
2.5
85
1.7
125
0.5
8
3.8
1
120
108
48
TAJK336*002#NJ
K
33
2.5
85
1.7
125
0.8
8
1.7
1
188
169
75
TAJP336*002#NJ
P
33
2.5
85
1.7
125
0.7
8
3.5
1
131
118
52
TAJS336*002#NJ
S
33
2.5
85
1.7
125
0.7
8
1.5
1
208
187
83
TAJP476M002#NJ
P
47
2.5
85
1.7
125
1.2
12
3.2
1
137
123
55
TAJS476*002#NJ
S
47
2.5
85
1.7
125
1.2
8
1.6
1
202
181
81
TAJT686*002#NJ
T
68
2.5
85
1.7
125
1.4
8
1.5
1
231
208
92
TAJT107*002#NJ
T
100
2.5
85
1.7
125
2.5
15
1.3
1
248
223
99
TAJW107*002#NJ
W
100
2.5
85
1.7
125
2.5
8
0.4
1
474
427
190
TAJT157M002#NJ
T
150
2.5
85
1.7
125
3.8
18
1.2
1
258
232
103
TAJW157*002#NJ
W
150
2.5
85
1.7
125
3.8
8
0.3
1
548
493
219
TAJW227*002#NJ
W
220
2.5
85
1.7
125
5.5
8
0.3
1
548
493
219
TAJY227*002#NJ
Y
220
2.5
85
1.7
125
5.5
8
0.3
11)
645
581
258
TAJW337M002#NJ
W
330
2.5
85
1.7
125
8.2
12
0.3
1
548
493
219
TAJY337*002#NJ
Y
330
2.5
85
1.7
125
8.2
8
0.3
11)
645
581
258
TAJF477*002#NJ
F
470
2.5
85
1.7
125
11.8
12
0.3
1
577
520
231
TAJY477*002#NJ
Y
470
2.5
85
1.7
125
11
12
0.2
11)
791
712
316
TAJY687*002#NJ
Y
680
2.5
85
1.7
125
17
12
0.2
11)
791
712
316
TAJY108M002#NJ
Y
1000
2.5
85
1.7
125
25
30
0.2
11)
791
712
316
4 Volt @ 85°C
TAJR225*004#NJ
R
2.2
4
85
2.7
125
0.5
6
25
1
47
42
19
TAJS225*004#NJ
S
2.2
4
85
2.7
125
0.5
6
25
1
51
46
20
TAJR335*004#NJ
R
3.3
4
85
2.7
125
0.5
6
20
1
52
47
21
TAJS335*004#NJ
S
3.3
4
85
2.7
125
0.5
6
18
1
60
54
24
TAJR475*004#NJ
R
4.7
4
85
2.7
125
0.5
6
12
1
68
61
27
TAJS475*004#NJ
S
4.7
4
85
2.7
125
0.5
6
10
1
81
73
32
TAJR685*004#NJ
R
6.8
4
85
2.7
125
0.5
6
5.2
1
103
93
41
TAJS685*004#NJ
S
6.8
4
85
2.7
125
0.5
6
8
1
90
81
36
TAJT685*004#NJ
T
6.8
4
85
2.7
125
0.5
6
6
1
115
104
46
TAJR106*004#NJ
R
10
4
85
2.7
125
0.5
6
7
1
89
80
35
TAJS106*004#NJ
S
10
4
85
2.7
125
0.5
6
6
1
104
94
42
TAJT106*004#NJ
T
10
4
85
2.7
125
0.5
6
5
1
126
114
51
TAJR156*004#NJ
R
15
4
85
2.7
125
0.6
8
4
1
117
106
47
TAJS156*004#NJ
S
15
4
85
2.7
125
0.6
8
4
1
127
115
51
TAJT156*004#NJ
T
15
4
85
2.7
125
0.6
6
2
1
200
180
80
TAJK226*004#NJ
K
22
4
85
2.7
125
0.9
8
1.8
1
183
164
73
TAJP226*004#NJ
P
22
4
85
2.7
125
0.9
8
4
1
122
110
49
TAJR226*004#NJ
R
22
4
85
2.7
125
0.9
8
3.8
1
120
108
48
TAJS226*004#NJ
S
22
4
85
2.7
125
0.9
8
3.5
1
136
123
55
TAJT226*004#NJ
T
22
4
85
2.7
125
0.9
6
1.9
1
205
185
82
TAJK336*004#NJ
K
33
4
85
2.7
125
1.3
10
1.7
1
188
169
75
TAJP336M004#NJ
P
33
4
85
2.7
125
1.3
8
2.8
1
146
132
59
TAJS336*004#NJ
S
33
4
85
2.7
125
1.3
8
1.7
1
196
176
78
TAJT336*004#NJ
T
33
4
85
2.7
125
1.3
6
1.7
1
217
195
87
TAJW336*004#NJ
W
33
4
85
2.7
125
1.3
6
0.6
1
387
349
155
TAJT476*004#NJ
T
47
4
85
2.7
125
1.9
10
1.6
1
224
201
89
TAJW476*004#NJ
W
47
4
85
2.7
125
1.9
6
0.5
1
424
382
170
TAJT686*004#NJ
T
68
4
85
2.7
125
2.7
15
1.5
1
231
208
92
TAJW686*004#NJ
W
68
4
85
2.7
125
2.7
6
0.4
1
474
427
190
TAJT107M004#NJ
T
100
4
85
2.7
125
4
14
1.4
1
239
215
96
TAJW107*004#NJ
W
100
4
85
2.7
125
4
6
0.4
1
474
427
190
TAJW157*004#NJ
W
150
4
85
2.7
125
6
6
0.5
1
424
382
170
TAJY157*004#NJ
Y
150
4
85
2.7
125
6
6
0.4
11)
559
503
224
TAJW227*004#NJ
W
220
4
85
2.7
125
8.8
8
0.3
1
548
493
219
TAJX227*004#NJ
X
220
4
85
2.7
125
8.8
8
0.9
11)
577
520
231
TAJY227*004#NJ
Y
220
4
85
2.7
125
8.8
8
0.3
11)
645
581
258
TAJF337*004#NJ
F
330
4
85
2.7
125
13.2
10
0.3
1
577
520
231
TAJX337*004#NJ
X
330
4
85
2.7
125
13.2
8
0.3
11)
577
520
231
TAJY337*004#NJ
Y
330
4
85
2.7
125
13.2
12
0.4
11)
559
503
224
TAJY477*004#NJ
Y
470
4
85
2.7
125
18.8
14
0.4
11)
559
503
224
TAJY687M004#NJ
Y
680
4
85
2.7
125
27.2
25
0.2
11)
791
712
316
6.3 Volt @ 85°C
TAJR155*006#NJ
R
1.5
6.3
85
4
125
0.5
6
25
1
47
42
19
TAJS155*006#NJ
S
1.5
6.3
85
4
125
0.5
6
25
1
51
46
20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com