Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJS104035NJ Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJS104035NJ
Description  General purpose SMT chip tantalum series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJS104035NJ Datasheet(HTML) 4 Page - AVX Corporation

  TAJS104035NJ Datasheet HTML 1Page - AVX Corporation TAJS104035NJ Datasheet HTML 2Page - AVX Corporation TAJS104035NJ Datasheet HTML 3Page - AVX Corporation TAJS104035NJ Datasheet HTML 4Page - AVX Corporation TAJS104035NJ Datasheet HTML 5Page - AVX Corporation TAJS104035NJ Datasheet HTML 6Page - AVX Corporation TAJS104035NJ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAY 2014
■ 39
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJR225*006#NJ
R
2.2
6.3
85
4
125
0.5
6
20
1
52
47
21
TAJS225*006#NJ
S
2.2
6.3
85
4
125
0.5
6
18
1
60
54
24
TAJR335*006#NJ
R
3.3
6.3
85
4
125
0.5
6
12
1
68
61
27
TAJS335*006#NJ
S
3.3
6.3
85
4
125
0.5
6
9
1
85
76
34
TAJR475*006#NJ
R
4.7
6.3
85
4
125
0.5
6
7
1
89
80
35
TAJS475*006#NJ
S
4.7
6.3
85
4
125
0.5
6
7.5
1
93
84
37
TAJT475*006#NJ
T
4.7
6.3
85
4
125
0.5
6
6
1
115
104
46
TAJR685*006#NJ
R
6.8
6.3
85
4
125
0.5
8
7
1
89
80
35
TAJS685*006#NJ
S
6.8
6.3
85
4
125
0.5
6
2.6
1
158
142
63
TAJT685*006#NJ
T
6.8
6.3
85
4
125
0.5
6
5
1
126
114
51
TAJP106*006#NJ
P
10
6.3
85
4
125
0.6
8
6
1
100
90
40
TAJR106*006#NJ
R
10
6.3
85
4
125
0.6
8
6
1
96
86
38
TAJS106*006#NJ
S
10
6.3
85
4
125
0.6
8
4
1
127
115
51
TAJT106*006#NJ
T
10
6.3
85
4
125
0.6
6
4
1
141
127
57
TAJK156*006#NJ
K
15
6.3
85
4
125
0.9
6
2
1
173
156
69
TAJP156*006#NJ
P
15
6.3
85
4
125
0.9
8
3.5
1
131
118
52
TAJR156*006#NJ
R
15
6.3
85
4
125
0.9
8
4.1
1
116
104
46
TAJS156*006#NJ
S
15
6.3
85
4
125
0.9
8
3.5
1
136
123
55
TAJT156*006#NJ
T
15
6.3
85
4
125
0.9
6
3.5
1
151
136
60
TAJK226*006#NJ
K
22
6.3
85
4
125
1.3
10
1.8
1
183
164
73
TAJP226M006#NJ
P
22
6.3
85
4
125
1.3
8
3.3
1
135
121
54
TAJS226*006#NJ
S
22
6.3
85
4
125
1.3
10
1.8
1
190
171
76
TAJT226*006#NJ
T
22
6.3
85
4
125
1.4
8
2.5
1
179
161
72
TAJW226*006#NJ
W
22
6.3
85
4
125
1.3
6
0.6
1
387
349
155
TAJT336*006#NJ
T
33
6.3
85
4
125
2.1
10
2.5
1
179
161
72
TAJW336*006#NJ
W
33
6.3
85
4
125
2
6
0.5
1
424
382
170
TAJT476*006#NJ
T
47
6.3
85
4
125
2.8
10
1.6
1
224
201
89
TAJW476*006#NJ
W
47
6.3
85
4
125
2.8
6
0.5
1
424
382
170
TAJW686*006#NJ
W
68
6.3
85
4
125
4.3
6
1.5
1
245
220
98
TAJW107*006#NJ
W
100
6.3
85
4
125
6.3
6
0.9
1
316
285
126
TAJY107*006#NJ
Y
100
6.3
85
4
125
6.3
6
0.7
11)
423
380
169
TAJW157*006#NJ
W
150
6.3
85
4
125
9
8
0.3
1
548
493
219
TAJX157*006#NJ
X
150
6.3
85
4
125
9
6
0.4
11)
500
450
200
TAJY157*006#NJ
Y
150
6.3
85
4
125
9.5
6
0.4
11)
559
503
224
TAJF227*006#NJ
F
220
6.3
85
4
125
13.2
10
0.3
1
577
520
231
TAJX227*006#NJ
X
220
6.3
85
4
125
13.2
8
0.3
11)
577
520
231
TAJY227*006#NJ
Y
220
6.3
85
4
125
13.9
8
0.7
11)
423
380
169
TAJY337*006#NJ
Y
330
6.3
85
4
125
20.8
12
0.4
11)
559
503
224
TAJY477*006#NJ
Y
470
6.3
85
4
125
28.2
20
0.2
11)
791
712
316
10 Volt @ 85°C
TAJR105*010#NJ
R
1
10
85
7
125
0.5
4
25
1
47
42
19
TAJS105*010#NJ
S
1
10
85
7
125
0.5
4
25
1
51
46
20
TAJR155*010#NJ
R
1.5
10
85
7
125
0.5
6
20
1
52
47
21
TAJS155*010#NJ
S
1.5
10
85
7
125
0.5
6
20
1
57
51
23
TAJR225*010#NJ
R
2.2
10
85
7
125
0.5
6
15
1
61
54
24
TAJS225*010#NJ
S
2.2
10
85
7
125
0.5
6
12
1
74
66
29
TAJR335*010#NJ
R
3.3
10
85
7
125
0.5
6
8
1
83
75
33
TAJS335*010#NJ
S
3.3
10
85
7
125
0.5
6
8
1
90
81
36
TAJT335*010#NJ
T
3.3
10
85
7
125
0.5
6
6
1
115
104
46
TAJR475*010#NJ
R
4.7
10
85
7
125
0.5
6
9
1
78
70
31
TAJS475*010#NJ
S
4.7
10
85
7
125
0.5
6
5
1
114
103
46
TAJT475*010#NJ
T
4.7
10
85
7
125
0.5
6
5
1
126
114
51
TAJP685*010#NJ
P
6.8
10
85
7
125
0.6
6
5
1
110
99
44
TAJR685*010#NJ
R
6.8
10
85
7
125
0.7
6
5.2
1
103
93
41
TAJS685*010#NJ
S
6.8
10
85
7
125
0.7
6
4
1
127
115
51
TAJT685*010#NJ
T
6.8
10
85
7
125
0.7
6
4
1
141
127
57
TAJK106*010#NJ
K
10
10
85
7
125
1
6
2.2
1
165
149
66
TAJP106*010#NJ
P
10
10
85
7
125
1
8
6
1
100
90
40
TAJR106M010#NJ
R
10
10
85
7
125
1
20
6
1
96
86
38
TAJS106*010#NJ
S
10
10
85
7
125
1
8
3
1
147
132
59
TAJT106*010#NJ
T
10
10
85
7
125
1
6
3
1
163
147
65
TAJS156*010#NJ
S
15
10
85
7
125
1.5
6
2
1
180
162
72
TAJT156*010#NJ
T
15
10
85
7
125
1.5
8
2.8
1
169
152
68
TAJW156*010#NJ
W
15
10
85
7
125
1.5
6
0.7
1
359
323
143
TAJT226*010#NJ
T
22
10
85
7
125
2.2
8
2.2
1
191
172
76
TAJW226*010#NJ
W
22
10
85
7
125
2.2
6
0.6
1
387
349
155
TAJW336*010#NJ
W
33
10
85
7
125
3.3
6
1.6
1
237
213
95
TAJH476*006#NJ
H
47
10
85
7
125
4.7
8
1.0
1
283
255
113
TAJW476*010#NJ
W
47
10
85
7
125
4.7
6
1.4
1
254
228
101
TAJY476*010#NJ
Y
47
10
85
7
125
4.7
6
0.5
11)
500
450
200
TAJW686*010#NJ
W
68
10
85
7
125
6.8
6
1.2
1
274
246
110



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com