Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP8557
Description  High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8557 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 32Page - Texas Instruments LP8557 Datasheet HTML 33Page - Texas Instruments LP8557 Datasheet HTML 34Page - Texas Instruments LP8557 Datasheet HTML 35Page - Texas Instruments LP8557 Datasheet HTML 36Page - Texas Instruments LP8557 Datasheet HTML 37Page - Texas Instruments LP8557 Datasheet HTML 38Page - Texas Instruments LP8557 Datasheet HTML 39Page - Texas Instruments LP8557 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
VIN = 200 mV/div
ILED = 1 A/div
IIN = 1 A/div
VTX = 5 V/div
2ms/DIV
VDD
5V/DIV
ILED
20mA/DIV
10V/DIV
VBOOST
VPWM
5V/DIV
VIN = 200 mV/div
ILED = 1 A/div
IIN = 1 A/div
VTX = 5 V/div
ms/DIV
VDD
5V/DIV
ILED
20mA/DIV
10V/DIV
VBOOST
VPWM
5V/DIV
VIN = 200 mV/div
ILED = 1 A/div
IIN = 1 A/div
VTX = 5 V/div
1Ps/DIV
VSW
10V/DIV
IL
500mA/DIV
100mV/DIV
VFBac
VIN = 200 mV/div
ILED = 1 A/div
IIN = 1 A/div
VTX = 5 V/div
2ms/DIV
VDD
5V/DIV
ILED
10mA/DIV
10V/DIV
VBOOST
VPWM
5V/DIV
VIN = 200 mV/div
ILED = 1 A/div
IIN = 1 A/div
VTX = 5 V/div
1Ps/DIV
VSW
10V/DIV
IL
500mA/DIV
100mV/DIV
VFBac
VIN = 200 mV/div
ILED = 1 A/div
IIN = 1 A/div
VTX = 5 V/div
1Ps/DIV
VSW
10V/DIV
IL
500mA/DIV
100mV/DIV
VFBac
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
9.2.1.3 Application Curves
Figure 39. Steady State Operation With Light Load
Figure 40. Steady State Operation With Medium Load
(200 µA/String, 6 Strings)
(5 mA/String, 6 Strings)
Figure 41. Steady State Operation With Heavy Load
Figure 42. Start-Up With a 1% Input PWM Duty
(25 mA/String, 6 Strings)
Figure 44. Start-Up With a 99% Input PWM Duty
Figure 43. Start-Up With a 50% Input PWM Duty
36
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com