Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8557 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP8557
Description  High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8557 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 33Page - Texas Instruments LP8557 Datasheet HTML 34Page - Texas Instruments LP8557 Datasheet HTML 35Page - Texas Instruments LP8557 Datasheet HTML 36Page - Texas Instruments LP8557 Datasheet HTML 37Page - Texas Instruments LP8557 Datasheet HTML 38Page - Texas Instruments LP8557 Datasheet HTML 39Page - Texas Instruments LP8557 Datasheet HTML 40Page - Texas Instruments LP8557 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
VIN
LP8557I
FB
SW
1.1 ” 9OUT / VIN ” 11
L1
D1
VDD
CIN
COUT
LED1
LED2
LED3
LED4
LED5
LED6
GNDs
SCL
SDA
2.7 V ± 5.5 V
7 V ± 28 V
PWM
PWM
VOUT
SDA
SCL
VIN = 200 mV/div
ILED = 1 A/div
IIN = 1 A/div
VTX = 5 V/div
ms/DIV
VDD
5V/DIV
ILED
20mA/DIV
10V/DIV
VBOOST
VPWM
5V/DIV
VIN = 200 mV/div
ILED = 1 A/div
IIN = 1 A/div
VTX = 5 V/div
4ms/DIV
VDD
5V/DIV
ILED
20mA/DIV
10V/DIV
VBOOST
VPWM
5V/DIV
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
Figure 46. Shutdown Operation
Figure 45. Start-Up With a 100% Input PWM Duty
9.2.2 LP8557I PWM and I2C Device Option
Figure 47. Typical Application With LP8557I PWM and I2C Device Option
9.2.2.1 Design Requirements
See Design Requirements.
9.2.2.2 Detailed Design Procedure
See Detailed Design Procedure.
9.2.2.3 Application Curves
See Application Curves.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com