Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP791EN Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP791EN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791EN Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP791EN Datasheet HTML 11Page - Sipex Corporation SP791EN Datasheet HTML 12Page - Sipex Corporation SP791EN Datasheet HTML 13Page - Sipex Corporation SP791EN Datasheet HTML 14Page - Sipex Corporation SP791EN Datasheet HTML 15Page - Sipex Corporation SP791EN Datasheet HTML 16Page - Sipex Corporation SP791EN Datasheet HTML 17Page - Sipex Corporation SP791EN Datasheet HTML 18Page - Sipex Corporation SP791EN Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
16
Figure 16. Watchdog Flow Diagram
Figure 15. Monitoring a Negative Voltage
NEGATIVE-GOING V
CC TRANSIENTS
The SP791 is relatively immune to short-dura-
tion negative-going VCC transients resulting
from power up, power down, and brownout con-
ditions. It is usually undesirable to reset the
µP
when VCC experiences only small glitches.
Typically, a VCC transient that goes 100mV be-
low the reset threshold and lasts for 40
µs or less
will not cause a reset pulse to be issued.
A 100nF bypass capacitor mounted close to the
VCC pin provides additional transient immunity.
CONNECTING A TIMING CAPACITOR
TO THE SWT PIN
To prevent timing errors minimize external cur-
rent leakage sources at this pin, and locate the
capacitor as close to SWT as possible. The sum
of PC board leakage + SWT capacitor leakage
must be small compared to
±100 nA.
WATCHDOG SOFTWARE
CONSIDERATIONS
A way to help the watchdog timer keep a closer
watch on software execution involves setting
and resetting the watchdog input at different
points in the program, rather than "pulsing" the
watchdog input high-low-high or low-high-low.
This technique avoids a "stuck" loop where the
watchdog timer continues to be reset within the
loop, keeping the watchdog from timing out.
Figure 16 shows an example flow diagram
where the I/O driving the watchdog input is set
low at the beginning of the program, set high at
the beginning of every subroutine or loop, then
set low again when the program returns to the
beginning. If the program should "hang" in any
subroutine, the I/O is continually set high and
the watchdog timer is allowed to time out, caus-
ing a reset or interrupt to be issued.
MAXIMUM VCC FALL TIME
The VCC fall time is limited by the propagation
delay of the battery switchover comparator and
should not exceed 0.03V/
µs. A standard rule of
thumb for filter capacitance on most regulators
is on the order of 100
µF per amp of current.
When the power supply is shut off or the main
battery is disconnected, the associated initial
VCC fall rate is just the inverse of 1A/100
µF =
0.01V/
µs. The VCC fall rate decreases with time
as VCC falls exponentially, which more than sat-
isfies the maximum fall-time requirement.
+5V
R1
R2
V–
PFO
+5V
0V
VTRIP
0V
GND
PFI
Vcc
PFO
5 - 1.25
1.25 - VTRIP
R1
R2
=
NOTE: VTRIP IS NEGATIVE.
Corporation
V–
START
SET
WDI
LOW
SUBROUTINE
OR PROGRAM LOOP
SET WDI
HIGH
RETURN
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com