Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP791EN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP791EN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791EN Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP791EN Datasheet HTML 2Page - Sipex Corporation SP791EN Datasheet HTML 3Page - Sipex Corporation SP791EN Datasheet HTML 4Page - Sipex Corporation SP791EN Datasheet HTML 5Page - Sipex Corporation SP791EN Datasheet HTML 6Page - Sipex Corporation SP791EN Datasheet HTML 7Page - Sipex Corporation SP791EN Datasheet HTML 8Page - Sipex Corporation SP791EN Datasheet HTML 9Page - Sipex Corporation SP791EN Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
6
-60
-30
0
30
60
90
120 150
Temperature Deg. C
V
CC Supply Current vs.
Temperature (Normal Mode)
Battery Supply Current vs.
Temperature (Backup Mode)
Chip Enable On
Resistance vs. Temperature
V
BATT to VOUT ON
Resistance vs. Temperature
V
CC to VOUT On
Resistance vs. Temperature
PFI Threshold
vs. Temperature
Reset Threshold
vs. Temperature
Reset Output Resistance
vs. Temperature
Reset Delay
vs. Temperature
57
53
49
45
41
37
33
29
25
-60
-30
0
30
60
90
120
150
Temperature Deg. C
2.9
2.4
1.9
1.4
0.9
0.4
-0.1
-60
Temperature Deg. C
-40 -20
0 20 40 60 80 100 120 140
120
110
100
90
80
70
60
50
40
-60 -30
0
30
60 90 120 150 180
Temperature Deg. C
15
10
5
0
-60
-30
0
30
60
90
120 150
Temperature Deg. C
0.9
0.8
0.7
0.6
0.5
0.4
0.3
-60
-30
0
30
60
90
120 150
Temperature Deg. C
1.256
1.254
1.252
1.250
1.248
1.246
4.70
4.69
4.68
4.67
4.66
4.65
4.64
4.63
4.62
4.61
4.60
-60
-30
0
30
60
90
120 150
Temperature Deg. C
600
500
400
300
200
100
0
-60
-30
0
30
60
90
120 150
Temperature Deg. C
212
210
208
206
204
202
200
-60
-30
0
30
60
90
120 150
Temperature Deg. C
V
CC=5V
V
BATT=2.8V
V
CC=0V
V
BATT=2.8V
V
CC=4.75V
V
BATT=2.8V
CE IN=V
CC/2
V
BATT=2.8V
V
BATT=4.5V
V
CC=5V
V
BATT=0V
V
CC=5V
V
BATT=0
NO LOAD ON PFO
V
BATT=0V
Power Down
V
CC=5V,VBATT=2.8V
Soucing Current
V
CC=0V to 5V Step,
V
BATT=2.8V
TYPICAL CHARACTERISTICS (25oC, unless otherwise noted)
V
CC=0V,VBATT=2.8V
Sink Current
V
CC=0V
V
BATT=2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com