Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1432 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1432
Description  1.24V Precision Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1432 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1432 Datasheet HTML 1Page - Sipex Corporation SPX1432 Datasheet HTML 2Page - Sipex Corporation SPX1432 Datasheet HTML 3Page - Sipex Corporation SPX1432 Datasheet HTML 4Page - Sipex Corporation SPX1432 Datasheet HTML 5Page - Sipex Corporation SPX1432 Datasheet HTML 6Page - Sipex Corporation SPX1432 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Date: 5/6/04
SPX1432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
1.24V Precision Adjustable Shunt Regulator
SPX1432
DESCRIPTION
FEATURES
■ Reference Voltage: 1.24V
■ Initial Accuracy: 0.5%
■ Wide Operating Current, 60µA to 100mA
■ Ultra Low Reference Input Current, 100nA
■ Operating Voltage Range: V
REF to 20V
■ 0°C to 105°C Guaranteed Operation
■ SOT-23-3 Package
■ Upgrade to LMV431, TLV431, SC431L
®
The SPX1432 is a three terminal adjustable shunt voltage regulator that provides a highly accurate 1.24V
bandgap reference with 0.5% accuracy, eliminating the need for trimming in most power supply designs.
Offered in the tiny SOT-23 package, the SPX1432 has an extremely wide operating current range of 60uA
to 100mA, and reference input current of only 100nA (typ). The SPX1432 can regulate outputs from V
REF
to 20V, using two external resistors, and is guaranteed over the extended commercial temperature range
of 0°C to 105°C.
The combination of the small size, wide output current capability, flexible voltage range, and stable
performance over the entire extended commercial temperature range, makes the SPX1432 the ideal
candidate a variety of shunt regulator and current source designs in applications such as Portable meters,
Instrumentation, and Industrial Process Control.
■ Single Supply Amplifier
■ Monitors / VCRs / TVs
■ Personal Computers
■ Voltage References
FUNCTIONAL DIAGRAM
+
-
1.24V
Reference
(R)
Anode (A)
Cathode (K)
1
3
2
SPX1432
ANODE
CATHODE
REF
1
2
3
APPLICATIONS
■ Switching Power Supplies
■ Adjustable Supplies
■ Error Amplifiers
Now Available in Lead Free Packaging


Similar Part No. - SPX1432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1431 SIPEX-SPX1431 Datasheet
160Kb / 8P
Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
102Kb / 12P
Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
717Kb / 12P
Precision Adjustable Shunt Regulator
logo
Exar Corporation
SPX1431 EXAR-SPX1431 Datasheet
2Mb / 11P
Precision Adjustable Shunt Regulator
logo
Sipex Corporation
SPX1431M1 SIPEX-SPX1431M1 Datasheet
160Kb / 8P
Precision Adjustable Shunt Regulator
More results

Similar Description - SPX1432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
Ultra 1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
1.24V Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com