Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1432 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1432
Description  1.24V Precision Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1432 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1432 Datasheet HTML 1Page - Sipex Corporation SPX1432 Datasheet HTML 2Page - Sipex Corporation SPX1432 Datasheet HTML 3Page - Sipex Corporation SPX1432 Datasheet HTML 4Page - Sipex Corporation SPX1432 Datasheet HTML 5Page - Sipex Corporation SPX1432 Datasheet HTML 6Page - Sipex Corporation SPX1432 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Date: 5/6/04
SPX1432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
Cathode-Anode Reverse Breakdown V
KZ ....................................... 22V
Anode-Cathode Forward Current, (<10ms) I
AK ................................. 1A
Operating Cathode Current I
KA .................................................. 120mA
Reference Input Current I
REF .......................................................... 1mA
Continuos Power Dissipation at 25°C P
D
SOT-23 .................................................................. 200 mW
Junction Temperature T
J ........................................................... 150 °C
Storage Temperature T
STG .............................................. -65 to 150 °C
Lead Temperature (Soldering 10 sec.) T
L .................................. 300°C
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranted over the full junction temperature range (0
°C to 105°C). Ambient temperature must
be derated based upon power dissipation and package thermal characteristics. Unless otherwise specified, test conditions are:
V
KA = VREF and IK = 10mA.
PARAMETER
SYMBOL
FIGURE CONDITIONS
MIN
TYP
MAX
UNITS
Accuracy 0.5%
SPX1432A
Output Voltage
VREF
2TJ = 25°C
1.234
1.240
1.246
V
Temperature Deviation
VREF
20 < TJ < 105°C6
12
mV
Line Regulation
VREF
3VKA = 1.25V to 15V
15
37
mV
Load Regulation
VREF
2IK = 100µA to 100mA
10
30
mV
Reference Input Current
IREF
3TJ = 25°C, R1 = 10KΩ, R2 = ∞
0.1
0.3
µA
Reference Input Current
IREF
30 < TJ < 105°C,
0.05
0.2
µA
Temperature Coefficient
R1 = 10KΩ, R2 = ∞
Minimim Cathode
IK(MIN)
2TJ = 25°C60
80
µA
Current for Regulation
Off State Leakage
IK(MIN)
4VREF = 0V, VKA = 18V, TJ = 25°C
0.01
500
nA
PARAMETER
SYMBOL
FIGURE CONDITIONS
MIN
TYP
MAX
UNITS
Accuracy 1.0%
SPX1432
Output Voltage
VREF
2TJ = 25°C
1.228
1.240
1.252
V
Temperature Deviation
VREF
20 < TJ < 105°C9
18
mV
Line Regulation
VREF
3VKA = 1.25V to 15V
15
37
mV
Load Regulation
VREF
2IK = 100µA to 100mA
10
30
mV
Reference Input Current
IREF
3TJ = 25°C, R1 = 10KΩ, R2 = ∞
0.1
0.5
µA
Reference Input Current
IREF
30 < TJ < 105°C,
0.05
0.4
µA
Temperature Coefficient
R1 = 10KΩ, R2 = ∞
Minimim Cathode
IK(MIN)
2TJ = 25°C60
100
µA
Current for Regulation
Off State Leakage
IK(MIN)
4VREF = 0V, VKA = 18V, TJ = 25°C
0.01
500
nA
RECOMMENDED CONDITIONS
PARAMETER
SYMBOL
RATING
UNIT
Cathode Voltage
VKA
VREF to 20
V
Cathode Current
IK
10
mA
TYPICAL THERMAL RESISTANCES
PACKAGE
θ
θθ
θ
θJA
θ
θθ
θ
θJC
TYPICAL
DERATING
SOT-23
575°C/W 150°C/W
1.7 mW/°C
Typical deratings of the thermal resistances are given for ambient
temperature >25°.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com