Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2016LFG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2016LFG
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2016LFG Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2016LFG Datasheet HTML 1Page - Diodes Incorporated DMN2016LFG Datasheet HTML 2Page - Diodes Incorporated DMN2016LFG Datasheet HTML 3Page - Diodes Incorporated DMN2016LFG Datasheet HTML 4Page - Diodes Incorporated DMN2016LFG Datasheet HTML 5Page - Diodes Incorporated DMN2016LFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN2016LFG
Document number: DS32053 Rev. 3 - 2
1 of 6
www.diodes.com
January 2012
© Diodes Incorporated
DMN2016LFG
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) max
ID
TA = 25°C
20V
18m
Ω @ VGS = 4.5V
5.2A
30m
Ω @ VGS = 1.8V
4.0A
Features and Benefits
•
Low On-Resistance
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
ESD Protected Gate
•
Lead, Halogen, and Antimony Free, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
•
Power management functions
•
Battery Pack
•
Load Switch
Mechanical Data
•
Case: U-DFN3030-8
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Weight: 0.0172 grams (approximate)
Ordering Information (Note 6)
Part Number
Case
Packaging
DMN2016LFG-7
U-DFN3030-8
3000 / Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com
Marking Information
Bottom View
Bottom View
Pin Configuration
ESD PROTECTED TO 2kV
Top View
Equivalent Circuit
Top View
S1
G1
S2
G2
D1/D2
56
7
8
43
2
1
5
6
7
8
4
3
2
1
N20 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last digit of year (ex: 09 for 2009)
WW = Week code (01 to 53)
N20
U-DFN3030-8


Similar Part No. - DMN2016LFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2016LHAB DIODES-DMN2016LHAB Datasheet
302Kb / 6P
Low On-Resistance
Rev 5
DMN2016LHAB DIODES-DMN2016LHAB Datasheet
302Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN2016LHAB-7 DIODES-DMN2016LHAB-7 Datasheet
302Kb / 6P
Low On-Resistance
Rev 5
DMN2016LHAB DIODES-DMN2016LHAB_15 Datasheet
302Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results

Similar Description - DMN2016LFG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com