Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2016LFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2016LFG
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2016LFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2016LFG Datasheet HTML 1Page - Diodes Incorporated DMN2016LFG Datasheet HTML 2Page - Diodes Incorporated DMN2016LFG Datasheet HTML 3Page - Diodes Incorporated DMN2016LFG Datasheet HTML 4Page - Diodes Incorporated DMN2016LFG Datasheet HTML 5Page - Diodes Incorporated DMN2016LFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2016LFG
Document number: DS32053 Rev. 3 - 2
2 of 6
www.diodes.com
January 2012
© Diodes Incorporated
DMN2016LFG
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 4)
Steady
State
TA = 25°C
TA = 70°C
ID
5.2
4.1
A
Pulsed Drain Current (10μs pulse, duty cycle = 1% )
IDM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
0.77
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 4)
RθJA
169
°C/W
Thermal Resistance, Junction to Case @TA = 25°C (Note 4)
RθJC
15.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 250μA
Gate-Source Breakdown Voltage
BVGSO
±8
-
-
V
VDS = 0V, IG = ±250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
1.0
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.4
0.71
1.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
13
18
mΩ
VGS = 4.5V, ID = 6A
13.5
19
VGS = 4.0V, ID = 6A
14
20.5
VGS = 3.1V, ID = 6A
15
22
VGS = 2.5V, ID = 6A
21
30
VGS = 1.8V, ID = 6A
Forward Transfer Admittance
|Yfs|
-
25
-
S
VDS = 5V, ID = 6A
Diode Forward Voltage
VSD
-
0.75
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
-
1472
-
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
311
-
pF
Reverse Transfer Capacitance
Crss
-
141
-
pF
Gate Resistance
Rg
-
1.46
-
Ω
VDS =0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
16.0
-
nC
VGS = 4.5V, VDS = 10V,
ID = 6A
Gate-Source Charge
Qgs
-
36.6
-
nC
Gate-Drain Charge
Qgd
-
2.1
-
nC
Turn-On Delay Time
tD(on)
-
2.6
-
ns
VDD = 10V, VGS = 5V,
RGEN = 3Ω, RL = 1.7Ω
Turn-On Rise Time
tr
-
13.2
-
ns
Turn-Off Delay Time
tD(off)
-
84.5
-
ns
Turn-Off Fall Time
tf
-
46.8
-
ns
Notes:
4. Device mounted on FR-4 PCB, with minimum recommended pad layout.
5. Repetitive rating, pulse width limited by junction temperature
6. Guaranteed by design. Not subject to product testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com