Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS20DPR Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCS20DPR
Description  Digital Output Magnetic Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCS20DPR Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCS20DPR Datasheet HTML 1Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 2Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 3Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 4Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 5Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 6Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TCS20DPR
2014-03-01
4
Fig. A : ICC Characteristics
Fig. B : Operating Characteristics
1/fopr (fopr=25Hz)
Operating Current
Average Current
ICC
Time
Magnetic Field, B
Note : Direction of Magnetic field
VOL
BH
BOFFS BONS
South-Pole
0
VOUT
Magnetic Flux Density
BH
BOFFN
BONN
North-Pole
VOH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com