Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS20DPR Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCS20DPR
Description  Digital Output Magnetic Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCS20DPR Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCS20DPR Datasheet HTML 1Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 2Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 3Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 4Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 5Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 6Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TCS20DPR
2014-03-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS20DPR
Digital Output Magnetic Sensor
Feature
Push-Pull Output
South-Pole and North-Pole Detection
Marking
Pin Assignment (Top View)
Function Table
Note 1:A 0.47μF capacitor should be connected near the device. This
condition will not guarantee successful operation. Check the
performance thorough evaluation using the actual application to set
the condition.
SON3-P-0203-1.90
SOT-23F
Weight: 11.0 mg (typ.)
Magnetic Flux
Density
Output
≥ BON
L
≤ BOFF
H
VOUT
GND
VCC(Note1)
PA4
1
2
3
Start of commercial production
2010-03


Similar Part No. - TCS20DPR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS20DLR TOSHIBA-TCS20DLR Datasheet
204Kb / 7P
Digital Output Magnetic Sensor
More results

Similar Description - TCS20DPR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
Digital-Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
Digital Output Magnetic Sensor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
Digital-Output Magnetic Sensor
TCS10SLU TOSHIBA-TCS10SLU Datasheet
177Kb / 6P
Digital Output Magnetic Sensor
TCS10SPU TOSHIBA-TCS10SPU Datasheet
157Kb / 6P
Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
Digital Output Magnetic Sensor
TCS11NLU TOSHIBA-TCS11NLU Datasheet
108Kb / 6P
Digital Output Magnetic Sensor
TCS11SLU TOSHIBA-TCS11SLU Datasheet
108Kb / 6P
Digital Output Magnetic Sensor
TCS20DLR TOSHIBA-TCS20DLR Datasheet
204Kb / 7P
Digital Output Magnetic Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com