Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASL-011023 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASL-011023
Description  SPDT Switch & Limiter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASL-011023 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASL-011023 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASL-011023 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPDT Switch & Limiter
2.7 - 3.5 GHz
Rev. V2
MASL-011023
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications: Freq: 2.7 - 3.5 GHz, TA = +25°C, PIN = -10 dBm, Z0 = 50 Ω
2. Actual results are driver-dependent.
Parameter
Condition
Units
Min.
Typ.
Max.
Insertion Loss
RX Mode
TX Mode 1
dB
—
0.85
0.25
1.5
—
Isolation
RX Mode
TX Mode 1
dB
25
—
30
17
—
Return Loss
ANT & RX ports, RX Mode
ANT & TX ports, TX Mode 1
dB
—
14
14
—
CW Input Power,
ANT port
TX Mode 1
RX Mode
all Driver Conditions, also un-biased
dBm
—
51
33
33
—
TX P0.1dB Compression
TX Mode 1
dBm
—
51
—
Flat Leakage
33 dBm Pin, RX Mode
dBm
—
10
—
RX Leakage
51 dBm Pin, TX Mode 1
dBm
—
7
—
Switching Time2
50% TTL Control to 90% RF Voltage
ns
—
700
—
Limiter Recovery Time
to Final Insertion Loss
Pin <+33 dBm to –10 dBm,
300 µs pulse, 50% duty cycle, RX Mode
ns
—
<100
—
Spike Leakage
300 µs pulse, 50% duty cycle, RX Mode
ergs
—
<0.1
—



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com