Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LS161 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS161
Description  Synchronous 4-Bit Binary Counters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS161 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54LS161 Datasheet HTML 2Page - National Semiconductor (TI) 54LS161 Datasheet HTML 3Page - National Semiconductor (TI) 54LS161 Datasheet HTML 4Page - National Semiconductor (TI) 54LS161 Datasheet HTML 5Page - National Semiconductor (TI) 54LS161 Datasheet HTML 6Page - National Semiconductor (TI) 54LS161 Datasheet HTML 7Page - National Semiconductor (TI) 54LS161 Datasheet HTML 8Page - National Semiconductor (TI) 54LS161 Datasheet HTML 9Page - National Semiconductor (TI) 54LS161 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
’LS163 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load) (Continued)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Clock to Any Q
24
30
ns
Low to High Level Output
(Load Low)
tPHL
Propagation Delay Time
Clock to Any Q
27
38
ns
High to Low Level Output
(Load Low)
tPLH
Propagation Delay Time
Enable T to
14
27
ns
Low to High Level Output
Ripple Carry
tPHL
Propagation Delay Time
Enable T to
15
27
ns
High to Low Level Output
Ripple Carry
tPHL
Propagation Delay Time
Clear to Any Q
28
45
ns
High to Low Level Output
(Note 1)
Note 1
The propagation delay clear to output is measured from the clock input transition
Logic Diagram
LS163A
TLF6397 – 2
The LS161A is similar however the clear buffer is connected directly to the flip flops
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com