Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LS161 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS161
Description  Synchronous 4-Bit Binary Counters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS161 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS161 Datasheet HTML 1Page - National Semiconductor (TI) 54LS161 Datasheet HTML 2Page - National Semiconductor (TI) 54LS161 Datasheet HTML 3Page - National Semiconductor (TI) 54LS161 Datasheet HTML 4Page - National Semiconductor (TI) 54LS161 Datasheet HTML 5Page - National Semiconductor (TI) 54LS161 Datasheet HTML 6Page - National Semiconductor (TI) 54LS161 Datasheet HTML 7Page - National Semiconductor (TI) 54LS161 Datasheet HTML 8Page - National Semiconductor (TI) 54LS161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLF6397
May 1992
54LS161ADM54LS161ADM74LS161A
54LS163ADM54LS163ADM74LS163A
Synchronous 4-Bit Binary Counters
General Description
These synchronous presettable counters feature an inter-
nal carry look-ahead for application in high-speed counting
designs The LS161A and LS163A are 4-bit binary counters
The carry output is decoded by means of a NOR gate thus
preventing spikes during the normal counting mode of oper-
ation Synchronous operation is provided by having all flip-
flops clocked simultaneously so that the outputs change co-
incident with each other when so instructed by the count-
enable inputs and internal gating This mode of operation
eliminates the output counting spikes which are normally
associated with asynchronous (ripple clock) counters A
buffered clock input triggers the four flip-flops on the rising
(positive-going) edge of the clock input waveform
These counters are fully programmable that is the outputs
may be preset to either level As presetting is synchronous
setting up a low level at the load input disables the counter
and causes the outputs to agree with the setup data after
the next clock pulse regardless of the levels of the enable
input The clear function for the LS161A is asynchronous
and a low level at the clear input sets all four of the flip-flop
outputs low regardless of the levels of clock load or en-
able inputs The clear function for the LS163A is synchro-
nous and a low level at the clear inputs sets all four of the
flip-flop outputs low after the next clock pulse regardless of
the levels of the enable inputs This synchronous clear al-
lows the count length to be modified easily as decoding the
maximum count desired can be accomplished with one ex-
ternal NAND gate The gate output is connected to the clear
input to synchronously clear the counter to all low outputs
The carry look-ahead circuitry provides for cascading coun-
ters for n-bit synchronous applications without additional
gating Instrumental in accomplishing this function are two
count-enable inputs and a ripple carry output
Both count-enable inputs (P and T) must be high to count
and input T is fed forward to enable the ripple carry output
The ripple carry output thus enabled will produce a high-lev-
el output pulse with a duration approximately equal to the
high-level portion of the QA output This high-level overflow
ripple carry pulse can be used to enable successive cascad-
ed stages High-to-low level transitions at the enable P or T
inputs may occur regardless of the logic level of the clock
These counters feature a fully independent clock circuit
Changes made to control inputs (enable P or T or load) that
will modify the operating mode have no effect until clocking
occurs The function of the counter (whether enabled dis-
abled loading or counting) will be dictated solely by the
conditions meeting the stable set-up and hold times
Features
Y
Synchronously programmable
Y
Internal look-ahead for fast counting
Y
Carry output for n-bit cascading
Y
Synchronous counting
Y
Load control line
Y
Diode-clamped inputs
Y
Typical propagation time clock to Q output 14 ns
Y
Typical clock frequency 32 MHz
Y
Typical power dissipation 93 mW
Y
Alternate
MilitaryAerospace
device
(54LS161
54LS163) is available Contact a National Semiconduc-
tor Sales OfficeDistributor for specificaitons
Connection Diagram
Dual-In-Line Package
TLF6397 – 1
Order Numbers 54LS161ADMQB 54LS161AFMQB
54LS161ALMQB 54LS163ADMQB 54LS163AFMQB
54LS163ALMQB DM54LS161AJ DM54LS161AW
DM54LS163AJ DM54LS163AW DM74LS161AM
DM74LS161AN DM74LS163AM or DM74LS163AN
See NS Package Number E20A J16A
M16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54LS161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
Synchronous Presettable BCD Decade Counters
54LS160ADMQB NSC-54LS160ADMQB Datasheet
173Kb / 8P
Synchronous Presettable BCD Decade Counters
54LS160AFMQB NSC-54LS160AFMQB Datasheet
173Kb / 8P
Synchronous Presettable BCD Decade Counters
54LS160ALMQB NSC-54LS160ALMQB Datasheet
173Kb / 8P
Synchronous Presettable BCD Decade Counters
54LS162A NSC-54LS162A Datasheet
173Kb / 8P
Synchronous Presettable BCD Decade Counters
More results

Similar Description - 54LS161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
Synchronous 4-Bit Binary Counters
logo
Texas Instruments
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com