Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22981RGPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  Thunderbolt Power Mux
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 13Page - Texas Instruments TPS22981RGPR Datasheet HTML 14Page - Texas Instruments TPS22981RGPR Datasheet HTML 15Page - Texas Instruments TPS22981RGPR Datasheet HTML 16Page - Texas Instruments TPS22981RGPR Datasheet HTML 17Page - Texas Instruments TPS22981RGPR Datasheet HTML 18Page - Texas Instruments TPS22981RGPR Datasheet HTML 19Page - Texas Instruments TPS22981RGPR Datasheet HTML 20Page - Texas Instruments TPS22981RGPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
C1
10 F
C4
0.1 F
C5
100 F
C2
0.1 F
C3
0.1 F
R2
26.7 k
R3
80.6 k
R4 100 k
R1 80.6 k
FAULTZ
V3P3
V3P3OUT
V3P3
V3P3
V3P3
V3P3OUT
FAULTZ
FAULTZ
FAULTZ
GND
GND
GND
GND
GND
GND
GND
OUT
OUT
OUT
GND
GND
GND
GND
GND
PAD
TPS22981RGPR
S0
S0
U1
VHV
VHV
HV_EN
EN
ENHVU
ISET_S0
ISET_S3
ISET_V3P3
HV_EN
EN
ENHVU
HV_EN
EN
ENHVU
1
2
3
13
15
21
20
19
18
4
5
16
11
9
10
14
12
8
17
6
7
S0
TPS22981
www.ti.com
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
10 Layout
10.1 Layout Guidelines
•
Ensure decoupling capacitors on the OUT, V3P3, and V3P3OUT pins are tied directly to a solid ground plane
or ground connection, and are placed as close to each respective pin as possible.
•
Route the VHV input to minimize total inductance between the source for this power supply and the VHV pin.
See Input Inductive Bounce regarding inductance in the VHV input potentially causing damaging voltage
levels if large currents are suddenly turned off in the course of system operation.
•
Layout trace width should be checked to ensure adequate current carrying ability and suitable resistive
voltage drops in view of peak current levels.
Figure 10 shows the schematic used for the layout provided in the Layout Example section.
Figure 10. Layout Example Schematic
The TPS22981 can be placed on the same layer as its components. The layout can be a smaller area when the
bottom is used for component placement. In this design example, the components and the TPS22981 are placed
on the top layer. Figure 11 and Figure 12 show the suggested placement of the components.
For the nets V3P3, OUT, and VHV, TI recommends to use Thunderbolt three 8-mil or 16-mil vias when moving
from layer to layer. A 40-mil trace or pour will allow roughly 2 A to pass current carrying capability with 0.5-oz.
copper. Two 8-mil or 16-mil vias and 12-mil traces are sufficient for V3P3OUT. All of the other signals can be
routed using a 10-mil trace with an 8-mil or 16-mil via. Figure 13 and Figure 14 show the suggested power and
signal routing with and without a GND pour on the top layer. TI recommends that the capacitors and the GND
pad on the TPS22981 are connected on the same plane.
The remaining signals can be routed through the bottom layer or other internal layer. Figure 15 shows the bottom
routing.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com