Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22981RGPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  Thunderbolt Power Mux
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS22981RGPR Datasheet HTML 1Page - Texas Instruments TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS22981
www.ti.com
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
6.4 Thermal Information
TPS22981
THERMAL METRIC(1)
RGP (VQFN)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
39.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise noted the specification applies over the VDD range and operating junction temp –40°C ≤ TJ ≤ 85°C. Typical
values are for V3P3 = 3.3 V, VHV = 15 V, and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
V3P3
V3P3 input voltage range
3
3.3
3.6
V
VHV
VHV input voltage range
4.5
19.8
V
IVHVACT
Active quiescent current from VHV
HV_EN = 1, EN = 1
150
µA
IVHVSD
Shutdown leakage current from VHV
HV_EN = 0, EN = 0 or 1
60
µA
IDDACT
EN = 1, HV_EN = 0
500
µA
Active quiescent current from V3P3
IDDACTHV
EN = 1, HV_EN = 1
500
µA
IDDSD
Shutdown quiescent current from V3P3
EN = 0, OUT = 0 V
30
µA
IDIS
OUT discharge current
EN = 1, VHV = 5V, HV_EN = 1→0
5
10
mA
V = 0 V
1
IIN
HV_EN, EN, ENHVU, S0, S3 input pin leakage
µA
V = V3P3
1
SWITCH AND RESISTANCE CHARACTERISTICS
RSHV
VHV switch resistance
VHV = 5V to 18V, IVHV = 0.9A
250
m
Ω
RS3P3
V3P3 switch resistance
V3P3 = 3.3 V, IV3P3 = 0.9 A
125
m
Ω
RS3P3BYP
V3P3 bypass switch resistance
V3P3 = 3.3 V, IV3P3 = 500 mA
500
m
Ω
ROUTDIS
OUT pulldown resistance when disabled
EN = 0
1.5
2.5
4
k
Ω
VOLFAULTZ
FAULTZ VOL
IFAULTZ = 250 µA
0.6
V
VOLTAGE THRESHOLDS
VHV Input falling
3.6
4
VHVUVLO
VHV undervoltage lockout
V
VHV Input rising
4
4.3
V3P3 Input falling
1.8
2.25
V3P3UVLO
V3P3 undervoltage lockout
V
V3P3 Input rising
2.25
2.5
VFAULTZVAL
V3P3 voltage for valid FAULTZ
EN = 1
1.8
V
THERMAL SHUTDOWN
TSD
Shutdown temperature
110
120
130
°C
TSDHYST
Shutdown hysteresis
10
°C
CURRENT LIMIT
RSET_S0,3 = 402 kΩ
(1)
80
100
120
ILIMHV
VHV switch current limit state S0 or S3
RSET_S0,3 = 80.6 kΩ
(1)
446
496
546
mA
RSET_S0,3 = 26.7 kΩ
(1)
1423
1498
1573
ILIMVHVMAX
Maximum VHV switch current limit
RSET_S0,3 = 0 Ω
1.8
2.4
3.1
A
RSET_V3P3 = 402 kΩ
(1)
80
100
120
ILIM3P3
V3P3 switch current limit
RSET_V3P3 = 80.6 kΩ
(1)
446
496
546
mA
RSET_V3P3 = 26.7 kΩ
(1)
1423
1498
1573
ILIM3P3MAX
Maximum V3P3 switch current limit
RSET_V3P3 = 0Ω
1.8
2.4
3.1
A
IREV3P3
V3P3 switch reverse current limit
10
40
85
mA
TV3P3RC
V3P3 switch reverse current response time
VOUT = V3P3→V3P3 + 20 mV
100
µs
TVHVSC
VHV switch short circuit response time
COUT ≤ 20 pF
8
µs
TV3P3SC
V3P3 switch short circuit response time
COUT ≤ 20 pF
8
µs
(1)
Equation 1 is used to calculate the required resistance for a given minimum ILIM. The nearest 1% resistance is chosen and the
corresponding ILIM variance is shown.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com