Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48545 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C48545
Description  3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVDS Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48545 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C48545 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PI6C48545
3.3V Low Skew 1-to-4
LVTTL/LVCMOS to LVDS Fanout Buffer
4
PS8770
06/23/05
AC Characteristics (TA = -40oC to 85oC, VCC = 3.135V to 3.465V)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
fmax
Output Frequency
650
MHz
tPd
Propagation Delay(1)
0.8
2.2
ns
Tsk(o)
Output-to-output Skew(2)
40
ps
Tsk(pp)
Part-to-part Skew(3)
300
tr/tf
Output Rise/Fall time
20% - 80%
100
300
odc
Output duty cycle
48
52
%
Notes:
1. Measured from the VCC/2 of the input to the differential output crossing point
2. Defined as skew between outputs at the same supply voltage and with equal load condition. Measured at the outputs differential crossing point.
3. Defined as skew between outputs on different parts operating at the same supply voltage and with equal load condition. Measured at the
outputs differential crossing point.
4. All parameters are measured at 500MHz unless noted otherwise
LVDS DC Characteristics (TA = -40oC to 85oC, VCC = 3.135V to 3.465V unless otherwise stated below.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VOD
Differential Output Voltage
200
280
360
mV
∆VOD
VOD Magnitude Change
0
40
VOS
Offset Voltage
1.125
1.3
1.475
V
∆VOS
VOS Magnitude Change
5
25
mV
IOZ
High Impedance Leakage Current
-10
+10
µA
IOFF
Power OFF Leakage
-20
±1
+20
IOSD
Differential Output Short Circuit Current
-3.5
-5
mA
IOS
Output Short Circuit Current
-3.5
-5
VOH
Output Voltage High
1.34
1.6
V
VOL
Output Voltage Low
0.9
1.06
LVCMOS/LVTTL DC Characteristics (TA = -40oC to 85oC, VCC = 3.135V to 3.465V unless otherwise stated below.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
Input High
Voltage
CLK0, CLK1, CLK_EN,
CLK_SE, OE
2
VCC+0.3
V
VIL
Input Low
Voltage
CLK0, CLK1
-0.3
1.3
V
CLK_EN, CLK_SEL, OE
-0.3
0.8
V
IIH
Input High
Current
CLK0, CLK1, CLK_SEL
VIN = VCC = 3.465V
150
uA
CLK_EN, OE
VIN = VCC = 3.465V
5
uA
IIL
Input Low
Current
CLK0, CLK1, CLK_SEL
VIN = 0V, VCC = 3.465V
-5
uA
CLK_EN, OE
VIN = 0V, VCC = 3.465V
-150
uA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com