Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C48545 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C48545
Description  3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVDS Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48545 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C48545 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48545 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI6C48545
3.3V Low Skew 1-to-4
LVTTL/LVCMOS to LVDS Fanout Buffer
3
PS8770
06/23/05
Figure 1. CLK_EN Timing Diagram
Clock Input Function Table
Inputs
Outputs
CLK0 or CLK1
Q0:Q3
nQ0:nQ3
0
LOW
HIGH
1
HIGH
LOW
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Supply voltage
Referenced to GND
4.6
V
VIN
Input voltage
Referenced to GND
-0.5
VCC+0.5V
VOUT
Output voltage
Referenced to GND
-0.5
VCC+0.5V
TSTG
Storage temperature
-65
150
oC
Notes:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress speci
fications only and correct functional operation of the device at these or any other conditions above those listed in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC
Power Supply Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
-40
85
oC
ICC
Power Supply Current
60
mA
Disabled
Enabled
CLK0
CLK1
CLK_EN
nQ0:nQ3
Q0:Q3
Disabled
Enabled



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com